Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-20MQ040NPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-20MQ040NPBF
Description  Schottky Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20MQ040NPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-20MQ040NPBF Datasheet HTML 1Page - Vishay Siliconix VS-20MQ040NPBF Datasheet HTML 2Page - Vishay Siliconix VS-20MQ040NPBF Datasheet HTML 3Page - Vishay Siliconix VS-20MQ040NPBF Datasheet HTML 4Page - Vishay Siliconix VS-20MQ040NPBF Datasheet HTML 5Page - Vishay Siliconix VS-20MQ040NPBF Datasheet HTML 6Page - Vishay Siliconix VS-20MQ040NPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94593
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 04-Mar-10
3
VS-20MQ040NPbF
Schottky Rectifier, 2.1 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Peak Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 5 - Maximum Average Forward Dissipation vs.
Average Forward Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C
Forward Voltage Drop - V
FM
(V)
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
R
125°C
100°C
75°C
50°C
25°C
T = 150°C
J
Reverse Voltage - V
(V)
10
100
0
5
10
15
20
25
30
35
40
T = 25°C
J
R
Reverse Voltage - V (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
40
50
60
70
80
90
100
110
120
130
140
150
160
DC
Square wave (D=0.50)
rated Vr applied
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
see note (1)
Average forward current-I
F(AV)
(A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.4
0.8
1.2
1.6
2
2.4
DC
F(AV)
RMSLimit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Average Forward Current - I
(A)


Similar Part No. - VS-20MQ040NPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ040NPBF VISHAY-VS-20MQ040NPBF_15 Datasheet
110Kb / 6P
   High Performance Schottky Rectifier, 2 A
Revision: 18-Aug-15
More results

Similar Description - VS-20MQ040NPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com