Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1680CN Datasheet(PDF) 9 Page - Linear Technology

Part # LT1680CN
Description  High Power DC/DC Step-Up Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680CN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1680CN Datasheet HTML 5Page - Linear Technology LT1680CN Datasheet HTML 6Page - Linear Technology LT1680CN Datasheet HTML 7Page - Linear Technology LT1680CN Datasheet HTML 8Page - Linear Technology LT1680CN Datasheet HTML 9Page - Linear Technology LT1680CN Datasheet HTML 10Page - Linear Technology LT1680CN Datasheet HTML 11Page - Linear Technology LT1680CN Datasheet HTML 12Page - Linear Technology LT1680CN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1680
OPERATION
Slope Compensation
For duty cycles greater than 50%, slope compensation is
required to prevent current mode duty cycle instability in
the regulator control loop. The LT1680 employs internal
slope compensation that is adequate for most applica-
tions. However, if additional slope compensation is de-
sired, it is available through the SL/ADJ pin. Excessive
slope compensation will cause reduction in maximum
load current capability and is generally not desirable.
APPLICATIONS INFORMATION
RSENSE Selection for Input Current Limit
RSENSE generates a voltage that is proportional to the
inductor current for use by the LT1680 current sense
amplifier. The value of RSENSE is based on the required
input current. The average current limit function has a
typical threshold of 120mV/RSENSE, or:
RSENSE = 120mV/ILIMIT
Operation with VSENSE common mode voltage below 4.5V
may slightly degrade current limit accuracy. See Average
Current Limit Threshold Tolerance vs Common Mode
Voltage in the Typical Performance Characteristics sec-
tion for more information.
Output Voltage Programming
Output voltage is programmed through a resistor feed-
back network to the VFB pin (Pin 7) on the LT1680. This pin
is the inverting input of the error amplifier, which is
internally referenced to 1.25V. The divider is ratioed to
provide 1.25V at the VFB pin when the output is at its
desired value. Output voltage is thus set following the
relation:
VOUT = 1.25V(1 + R2/R1)
when an external resistor divider is connected to the
output as shown in Figure 1.
If high value feedback resistors are used, the input bias
current of the VFB pin (1µA maximum) could cause a slight
increase in output voltage. A Thevenin resistance at the
VFB pin of <5k is recommended.
Oscillator Components RCT and CCT
The LT1680 oscillator creates a modified sawtooth at its
timing node (CT) with a slow charge, rapid discharge
characteristic. The discharge time (tDISCH) corresponds to
the minimum off time of the PWM controller. This limits
maximum duty cycle (DCMAX) to:
DCMAX = 1 – (tDISCH)(fO)
This relation corresponds to the minimum value of the
timing resistor (RCT), which can be determined according
to the following relation (RCT vs DCMAX graph appears in
the Typical Performance Characteristics section):
RCT(MIN) ≈ [(0.8)(10
–3)(1 – DCMAX)]–1
Values for RCT > 15k yield maximum duty cycles above
90%. Given a timing resistor value, the value of the timing
capacitor (CCT) can then be determined for desired oper-
ating frequency (fO) using the relation:
C
f
R
R
CT
O
CT
CT
() ( )
()+()
()
1
100 10
185
175
2 5 10
3 375
9
3
/–
/.
.
.–
.
/
A plot of Operating Frequency vs RCT and CCT is shown in
Figure 2. Typical 100kHz operational values are CCT =
1000pF and RCT = 16.9k.
LT1680
VOUT
VFB
6
7
R1
R2
1680 F01
SGND
Figure 1. Programming LT1680 Output Voltage


Similar Part No. - LT1680CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680 LINER-LT1680_15 Datasheet
228Kb / 16P
   High Power DC/DC Step-Up Controller
More results

Similar Description - LT1680CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680 LINER-LT1680_15 Datasheet
228Kb / 16P
   High Power DC/DC Step-Up Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
Asahi Kasei Microsystem...
AP3603 AKM-AP3603 Datasheet
796Kb / 18P
   High Power Dual Output Step-Up DC-DC Controller
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com