Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1677IN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1677IN8
Description  Low Noise, Rail-to-Rail Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677IN8 Datasheet(HTML) 1 Page - Linear Technology

  LT1677IN8 Datasheet HTML 1Page - Linear Technology LT1677IN8 Datasheet HTML 2Page - Linear Technology LT1677IN8 Datasheet HTML 3Page - Linear Technology LT1677IN8 Datasheet HTML 4Page - Linear Technology LT1677IN8 Datasheet HTML 5Page - Linear Technology LT1677IN8 Datasheet HTML 6Page - Linear Technology LT1677IN8 Datasheet HTML 7Page - Linear Technology LT1677IN8 Datasheet HTML 8Page - Linear Technology LT1677IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1677
Low Noise, Rail-to-Rail
Precision Op Amp
February 2000
s
Rail-to-Rail Input and Output
s
100% Tested Low Voltage Noise:
3.2nV/
√Hz Typ at 1kHz
4.5nV/
√Hz Max at 1kHz
s
Offset Voltage: 60
µV Max
s
Low VOS Drift: 0.2µV/°C Typ
s
Low Input Bias Current: 20nA Max
s
Wide Supply Range: 3V to
±15V
s
High AVOL: 4V/µV Min, RL = 1k
s
High CMRR: 109dB Min
s
High PSRR: 108dB Min
s
Gain Bandwidth Product: 7.2MHz
s
Slew Rate: 2.5V/
µs
s
Operating Temperature Range: – 40
°C to 85°C
The LT
®1677 features the lowest noise performance avail-
able for a rail-to-rail operational amplifier: 3.2nV/
√Hz
wideband noise, 1/f corner frequency of 13Hz and 70nV
peak-to-peak 0.1Hz to 10Hz noise. Low noise is combined
with outstanding precision: 20
µV offset voltage and
0.2
µV/°C drift, 130dB common mode and power supply
rejection and 7.2MHz gain bandwidth product. The com-
mon mode range exceeds the power supply by 100mV.
The voltage gain of the LT1677 is extremely high, especially
with a single supply: 20 million driving a 1k load.
In the design, processing and testing of the device, particular
attention has been paid to the optimization of the entire
distribution of several key parameters. Consequently, the
specifications of even the lowest cost grade have been
spectacularly improved compared to competing rail-to-rail
amplifiers.
Precision High Side Current Sense
s
Low Noise Signal Processing
s
Microvolt Accuracy Threshold Detection
s
Strain Gauge Amplifiers
s
Tape Head Preamplifiers
s
Direct Coupled Audio Gain Stages
s
Infrared Detectors
LT1677
2
7
ZETEX
BC856B
VOUT
1677 TA01
4
6
3
RIN
1k
SOURCE
RLINE
0.1
ROUT
20k
LOAD
VOUT
ILOAD
= RLINE
= 2V/AMP
ROUT
RIN
, LTC and LT are registered trademarks of Linear Technology Corporation.
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1677IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677IN8 LINER-LT1677IN8 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
More results

Similar Description - LT1677IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com