Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1675-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1675-1
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1675-1 Datasheet HTML 2Page - Linear Technology LT1675-1 Datasheet HTML 3Page - Linear Technology LT1675-1 Datasheet HTML 4Page - Linear Technology LT1675-1 Datasheet HTML 5Page - Linear Technology LT1675-1 Datasheet HTML 6Page - Linear Technology LT1675-1 Datasheet HTML 7Page - Linear Technology LT1675-1 Datasheet HTML 8Page - Linear Technology LT1675-1 Datasheet HTML 9Page - Linear Technology LT1675-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1675/LT1675-1
TYPICAL PERFORMANCE CHARACTERISTICS
Output Impedance vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (MHz)
1
–30
–40
–50
–60
–70
–80
10
100
LTXXXX 1675 G10
RL = 150Ω
VO = 2VP-P
2ND
3RD
FREQUENCY (Hz)
100k
10M
100M
1G
1675 G09
1M
10k
1k
100
10
1
DISABLED
ENABLED
TEMPERATURE (
°C)
–50
12
10
8
6
4
2
0
25
75
1675 G15
–25
0
50
100
125
VS = ±5V
VIN = –1V
RL = 75Ω
RL = 150Ω
TEMPERATURE (
°C)
–50
100
1675 G14
050
4
3
2
1
0
–25
25
75
125
VS = ±5V
VIN = 1V
RL = 75Ω
RL = 150Ω
TEMPERATURE (
°C)
–50
100
1675 G13
050
90
85
80
75
70
65
60
55
50
–25
25
75
125
VS = ±5V
SOURCING
VIN = 1V
SINKING
VIN = –1V
Output Short-Circuit Current
vs Temperature
Output Voltage vs Input Voltage
Supply Current vs Supply Voltage
INPUT VOLTAGE (V)
–3
–2
0
2
1
15
10
5
0
–5
–10
–15
–20
–25
–30
1675 G12
–1
3
VS = ±5V
125
°C
–55
°C
25
°C
Input Bias Current vs
Input Voltage
Negative DC Gain Error vs
Temperature
Positive DC Gain Error vs
Temperature
LT1675-1 Supply Current vs
Supply Voltage
INPUT VOLTAGE (V)
–2
4
3
2
1
0
–1
–2
–3
–4
2
1675 G16
–1
0
1
VS = ±5V
TA = 25°C
RL = 75Ω
RL =
RL = 150Ω
SUPPLY VOLTAGE (
±V)
01
24
3
5
6
1675 G11
40
35
30
25
20
15
10
5
0
RL =
125
°C
–55
°C
25
°C
SUPPLY VOLTAGE (
±V)
01
24
3
5
6
1675 G24
14
12
10
8
6
4
2
0
RL =
125
°C
–55
°C
25
°C


Similar Part No. - LT1675-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675-1 LINER-LT1675-1 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
More results

Similar Description - LT1675-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com