Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1675-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1675-1
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1675-1 Datasheet HTML 5Page - Linear Technology LT1675-1 Datasheet HTML 6Page - Linear Technology LT1675-1 Datasheet HTML 7Page - Linear Technology LT1675-1 Datasheet HTML 8Page - Linear Technology LT1675-1 Datasheet HTML 9Page - Linear Technology LT1675-1 Datasheet HTML 10Page - Linear Technology LT1675-1 Datasheet HTML 11Page - Linear Technology LT1675-1 Datasheet HTML 12Page - Linear Technology LT1675-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1675/LT1675-1
APPLICATIONS INFORMATION
Power Supplies
The LT1675 will function with supply voltages below
±2V
(4V total), however, to ensure a full 1VP-P video signal
(2VP-P at the output pins), the power supply voltage
should be between
±4V to ±6V. The LT1675 is designed
to operate on
±5V, and at no time should the supplies
exceed
±6V. The power supplies should be bypassed with
quality tantalum capacitors. It may be necessary to add
0.01
µF or 0.1µF in parallel with the tantalum capacitors if
there is excessive ringing on the output waveform. Even
though the LT1675 is well behaved, bypass capacitors
should be placed as close to the LT1675 as possible.
Smallest Package and PC Board Space
The LT1675 has the internal gain set for + 2V/V or 6dB,
because it is designed to drive a double-terminated 50
Ωor
75
Ω cable that has an inherent 6dB loss. There are several
advantages to setting the gain internally. This topology
eliminates six gain set resistors, reduces the pin count of
the package and eliminates stray capacitance on the
sensitivity feedback node. The LT1675 fits into the small
SSOP package, and these advantages lead to the smallest
PC board footprint with enhanced performance. The
LT1675-1 eliminates two gain set resistors and is available
in the tiny MSOP package and the cost-effective SO-8
package.
Fast Switching
The key to the LT1675 fast switching speed is Linear
Technology’s proprietary high speed bipolar process.
Internal switches can change state in less than 1ns, but the
output of the MUX switches in about 2.5ns, as shown in
Figure 1. The additional delay is due to the finite bandwidth
and the slew rate of the current feedback amplifier that
drives the cable.
For minimum ringing, it is important to minimize the load
capacitance on the output of the part. This is normally not
a problem in a controlled impedance environment, but
stray PC board capacitance and scope probe capacitance
can degrade the pulse fidelity. Figure 2 shows the
response of the output to various capacitive loads mea-
sured with a 10pF scope probe.
MEASURED AT PIN 15
RL = 150Ω, 10pF SCOPE PROBE
1675 F02
CL = 20pF
CL = 10pF
CL = 0pF
2V/DIV
Figure 2. Response to Capacitive Loads
1V/DIV
500mV/DIV
0V
3V
SELECT
PIN 10
RED OUT
PIN 15
RED 1 = 1V, RED 2 = 0V
MEASURED BETWEEN 75
Ω BACK TERMINATION
AND 75
Ω LOAD
1675 F01
Figure 1. Toggling at 25MHz


Similar Part No. - LT1675-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675-1 LINER-LT1675-1 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
More results

Similar Description - LT1675-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com