Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4263 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4263_15 Datasheet HTML 2Page - Linear Technology LTC4263_15 Datasheet HTML 3Page - Linear Technology LTC4263_15 Datasheet HTML 4Page - Linear Technology LTC4263_15 Datasheet HTML 5Page - Linear Technology LTC4263_15 Datasheet HTML 6Page - Linear Technology LTC4263_15 Datasheet HTML 7Page - Linear Technology LTC4263_15 Datasheet HTML 8Page - Linear Technology LTC4263_15 Datasheet HTML 9Page - Linear Technology LTC4263_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4263
6
4263fe
TYPICAL PERFORMANCE CHARACTERISTICS
RON vs Temperature
Legacy Pin Current vs Voltage
Current Limit and Foldback
LED Pin Pulldown
vs Load Current
Classification Current Compliance
IDD48 DC Supply Current vs Supply
Voltage with Internal VDD5
IDD48 DC Supply Current vs
Supply Voltage with VDD5 = 5.0V
IDD5 DC Supply Current
vs Supply Voltage
VDD48 – VOUT
0
0
50
150
200
250
30 35 40 45
450
4263 G03
100
5
10152025
50
300
350
400
ILED LOAD CURRENT (mA)
0
0
1
3
4
4263 G04
2
10
20
30
40
50
TA = 25°C
INTERNAL VDD5
VDD48 – VOUT (V)
04
0
10
30
70
80
4263 G05
20
40
60
50
812
16
20
VDD48 – VSS = 48V
TA = 25°C
VDD48 (V)
0
0
0.5
1.5
2.0
2.5
4263 G07
1.0
10
20
30
40
50
60
25k LOAD WITH
AC ENABLED
NO LOAD
TA = 25°C
VDD48 (V)
0
0
0.2
0.6
0.8
1.0
1.2
4263 G08
0.4
10
20
30
40
50
60
25k LOAD WITH
AC ENABLED
NO LOAD
TA = 25°C
VDD5
4.0
–3
–2
0
1
2
4263 G09
–1
4.5
5.0
5.5
6.0
25k LOAD WITH
AC ENABLED
NO LOAD
VDD48 = 48V
TEMPERATURE (°C)
–40
–20
1.0
1.4
2.0
0
40
60
4263 G16
1.2
1.8
1.6
20
80
100
VLEGACY (V)
0
0
20
4
4263 G17
–20
–40
1
2
3
5
40
LEGACY MODE
FORCE POWER ON MODE
COMPLIANT MODE


Similar Part No. - LTC4263_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4263-1 LINER-LTC4263-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4263_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263 LINER-LTC4263 Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971B MAXIM-MAX5971B Datasheet
3Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Rev 0; 6/10
MAX5984 MAXIM-MAX5984 Datasheet
2Mb / 22P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 12/11
MAX5971A MAXIM-MAX5971A Datasheet
2Mb / 21P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 1/10
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1_15 Datasheet
291Kb / 20P
   High Power Single PSE Controller with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com