Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4210-2
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4210-2_15 Datasheet HTML 2Page - Linear Technology LTC4210-2_15 Datasheet HTML 3Page - Linear Technology LTC4210-2_15 Datasheet HTML 4Page - Linear Technology LTC4210-2_15 Datasheet HTML 5Page - Linear Technology LTC4210-2_15 Datasheet HTML 6Page - Linear Technology LTC4210-2_15 Datasheet HTML 7Page - Linear Technology LTC4210-2_15 Datasheet HTML 8Page - Linear Technology LTC4210-2_15 Datasheet HTML 9Page - Linear Technology LTC4210-2_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC4210-1/LTC4210-2
421012f
VCB vs Supply Voltage
4210 G24
SUPPLY VOLTAGE (V)
0
58
56
54
52
50
48
46
44
42
16
4
2
6
10
14
18
8
12
20
58
56
54
52
50
48
46
44
42
TA = 25°C
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G25
VCC = 5V
TYPICAL PERFOR A CE CHARACTERISTICS
VCB vs Temperature
PI FU CTIO S
TIMER (Pin 1): Timer Input Pin. An external capacitor
CTIMERsets a 272.9ms/µF initial timing delay and a 21.7ms/
µF circuit breaker delay. The GATE pin turns off whenever
the TIMER pin is pulled beyond the COMP2 threshold,
such as for overvoltage detection with an external zener.
GND (Pin 2): Ground Pin.
ON (Pin 3): ON Input Pin. The ON pin comparator has a
low-to-high threshold of 1.3V with 80mV hysteresis and a
glitch filter. When the ON pin is low, the LTC4210 is reset.
When the ON pin goes high, the GATE turns on after the
initial timing cycle.
GATE (Pin 4): GATE Output Pin. This pin is the high side
gate drive of an external N-channel MOSFET. An internal
charge pump provides a 10
µA pull-up current with Zener
clamps to VCC and ground. In overload, the error amplifier
(EA) controls the external MOSFET to maintain a constant
load current. An external R-C compensation network
should be connected to this pin for current limit loop
stability.
SENSE (Pin 5): Current Limit Sense Input Pin. A sense
resistor between the VCC and SENSE pins sets the analog
current limit. In overload, the EA controls the external
MOSFET gate to maintain the SENSE pin voltage at 50mV
below VCC. When the EA is maintaining current limit, the
TIMER circuit breaker mode is activated. The current limit
loop/circuit breaker mode can be disabled by connecting
the SENSE pin to the VCC pin.
VCC (Pin 6): Positive Supply Input Pin. The operating
supply voltage range is between 2.7V to 16.5V. An under-
voltage lockout (UVLO) circuit with a glitch filter resets the
LTC4210 when a low supply voltage is detected.


Similar Part No. - LTC4210-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-2CS6 LINER-LTC4210-2CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2IS6 LINER-LTC4210-2IS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com