Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C200P-E3-08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZD27C200P-E3-08
Description  Zener Diodes with Surge Current Specification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27C200P-E3-08 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZD27C200P-E3-08 Datasheet HTML 1Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 2Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 3Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 4Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 5Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 6Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 7Page - Vishay Siliconix BZD27C200P-E3-08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZD27 Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 13-Aug-14
3
Document Number: 85153
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•Maximum VF = 1.2 V, at IF = 0.2 A
• Electrical characteristics when used as protection diodes
(1) Non-repetitive peak reverse current in accordance with “IEC 60-1, section 8” (10/1000 μs pulse); see fig. 4
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
CURRENT
CLAMPING
VOLTAGE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IR at VR
VC at IRSM (1)
VZ at IZT1
V
mA
μA
V
V
A
%/C
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZD27C7V5P
D8
7
7.5
7.9
100
1500
6.2
11.3
13.3
0
0.07
BZD27C8V2P
D9
7.7
8.2
8.7
100
1200
6.8
12.3
12.2
0.03
0.08
BZD27C9V1P
E0
8.5
9.1
9.6
50
100
7.5
13.3
11.3
0.03
0.08
BZD27C10P
E1
9.4
10
10.6
50
20
8.2
14.8
10.1
0.05
0.09
BZD27C11P
E2
10.4
11
11.6
50
5
9.1
15.7
9.6
0.05
0.1
BZD27C12P
E3
11.4
12
12.7
50
5
10
17
8.8
0.05
0.1
BZD27C13P
E4
12.4
13
14.1
50
5
11
18.9
7.9
0.05
0.1
BZD27C15P
E5
13.8
15
15.6
50
5
12
20.9
7.2
0.05
0.1
BZD27C16P
E6
15.3
16
17.1
25
5
13
22.9
6.6
0.06
0.11
BZD27C18P
E7
16.8
18
19.1
25
5
15
25.6
5.9
0.06
0.11
BZD27C20P
E8
18.8
20
21.2
25
5
16
28.4
5.3
0.06
0.11
BZD27C22P
E9
20.8
22
23.3
25
5
18
31
4.8
0.06
0.11
BZD27C24P
F0
22.8
24
25.6
25
5
20
33.8
4.4
0.06
0.11
BZD27C27P
F1
25.1
27
28.9
25
5
22
38.1
3.9
0.06
0.11
BZD27C30P
F2
28
30
32
25
5
24
42.2
3.6
0.06
0.11
BZD27C33P
F3
31
33
35
25
5
27
46.2
3.2
0.06
0.11
BZD27C36P
F4
34
36
38
10
5
30
50.1
3
0.06
0.11
BZD27C39P
F5
37
39
41
10
5
33
54.1
2.8
0.06
0.11
BZD27C43P
F6
40
43
46
10
5
36
60.7
2.5
0.07
0.12
BZD27C47P
F7
44
47
50
10
5
39
65.5
2.3
0.07
0.12
BZD27C51P
F8
48
51
54
10
5
43
70.8
2.1
0.07
0.12
BZD27C56P
F9
52
56
60
10
5
47
78.6
1.9
0.07
0.12
BZD27C62P
G0
58
62
66
10
5
51
86.5
1.7
0.08
0.13
BZD27C68P
G1
64
68
72
10
5
56
94.4
1.6
0.08
0.13
BZD27C75P
G2
70
75
79
10
5
62
103.5
1.5
0.08
0.13
BZD27C82P
G3
77
82
87
10
5
68
114
1.3
0.08
0.13
BZD27C91P
G4
85
91
96
5
5
75
126
1.2
0.09
0.13
BZD27C100P
G5
94
100
106
5
5
82
139
1.1
0.09
0.13
BZD27C110P
G6
104
110
116
5
5
91
150
1
0.09
0.13
BZD27C120P
G7
114
120
127
5
5
100
167
0.9
0.09
0.13
BZD27C130P
G8
124
130
141
5
5
110
185
0.81
0.09
0.13
BZD27C150P
G9
138
150
156
5
5
120
205
0.73
0.09
0.13
BZD27C160P
H0
153
160
171
5
5
130
224
0.67
0.09
0.13
BZD27C180P
H1
168
180
191
5
5
150
252
0.6
0.09
0.13
BZD27C200P
H2
188
200
212
5
5
160
278
0.54
0.09
0.13


Similar Part No. - BZD27C200P-E3-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZD27C200P-GS08 VISHAY-BZD27C200P-GS08 Datasheet
150Kb / 9P
   Zener Diodes with Surge Current Specification
Rev. 1.8, 13-Apr-05
BZD27C200P-GS18 VISHAY-BZD27C200P-GS18 Datasheet
150Kb / 9P
   Zener Diodes with Surge Current Specification
Rev. 1.8, 13-Apr-05
BZD27C200P-M VISHAY-BZD27C200P-M Datasheet
112Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 29-Nov-11
BZD27C200P-M VISHAY-BZD27C200P-M Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 1.6.,18-Mar-15
BZD27C200P-M VISHAY-BZD27C200P-M Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.3, 26-Feb-2021
More results

Similar Description - BZD27C200P-E3-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com