Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4069-4.4 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4069-4.4
Description  Standalone 750mA Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069-4.4 Datasheet(HTML) 5 Page - Linear Technology

  LTC4069-4.4_15 Datasheet HTML 1Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 2Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 3Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 4Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 5Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 6Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 7Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 8Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4069-4.4
5
406944fa
TYPICAL PERFORMANCE CHARACTERISTICS
CHRG Pin Output Low Voltage
vs Temperature
Timer Accuracy vs Temperature
Timer Accuracy vs Supply Voltage
PROG Pin Shutdown Voltage
Threshold vs Temperature
PROG Pin Shutdown Voltage
vs Supply Voltage
Undervoltage Lockout Threshold
Voltage vs Temperature
Trickle Charge Current
vs Supply Voltage
Trickle Charge Current
vs Temperature
TEMPERATURE (°C)
–50
2.50
2.75
3.00
3.25
3.50
4.00
–25
025
RISE
FALL
50
4069 G16
75
100
3.75
SUPPLY VOLTAGE (V)
4
0
10
20
30
40
50
60
4.5
5
5.5
6
4069 G14
RPROG = 2k
RPROG = 10k
VBAT = 2V
TA = 25°C
TEMPERATURE (°C)
–50
40
50
60
25
75
4069 G15
30
20
–25
0
50
100
10
0
RPROG = 2k
RPROG = 10k
VCC = 5V
VBAT = 2V
TEMPERATURE ( C)
–50
80
100
140
25
75
4069 G10
60
40
–25
0
50
100
20
0
120
VCC = 5V
ICHRG = 5mA
TEMPERATURE (°C)
–50
–4
–3
–2
25
75
4069 G18
–5
–6
–7
–25
0
50
–1
0
1
100
VCC = 5V
SUPPLY VOLTAGE (V)
4
0
1.0
6
4069 G19
–1.0
–2.0
4.5
5
5.5
2.0
–0.5
0.5
–1.5
1.5
TA = 25°C
TEMPERATURE (°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
4069 G20
75
100
VCC = 5V
SUPPLY VOLTAGE (V)
4
2.0
3.0
4.0
5.0
2.5
3.5
4.5
4.5
5
5.5
4069 G21
6
TA = 25°C


Similar Part No. - LTC4069-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
More results

Similar Description - LTC4069-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065A LINER-LTC4065A_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com