Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4069-4.4 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4069-4.4
Description  Standalone 750mA Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069-4.4 Datasheet(HTML) 2 Page - Linear Technology

  LTC4069-4.4_15 Datasheet HTML 1Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 2Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 3Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 4Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 5Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 6Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 7Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 8Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4069-4.4
2
406944fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC
t < 1ms and Duty Cycle < 1% ................. – 0.3V to 7V
Steady State............................................ – 0.3V to 6V
BAT, CHRG .................................................. –0.3V to 6V
PROG, NTC ..................................... – 0.3V to VCC + 0.3V
BAT Short-Circuit Duration............................ Continuous
BAT Pin Current .................................................. 800mA
PROG Pin Current ................................................ 800μA
Junction Temperature (Note 6) ............................ 125°C
Operating Temperature Range (Note 2)....– 40°C to 85°C
Storage Temperature Range.................. –65°C to 125°C
(Note 1)
ORDER INFORMATION
TOP VIEW
7
DC PACKAGE
6-LEAD (2mm
2mm) PLASTIC DFN
4
5
6
3
2
1
GND
CHRG
BAT
PROG
NTC
VCC
TJMAX = 125°C, θJA = 60°C/W (NOTE 3)
EXPOSED PAD (PIN 7) IS GND
MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4069EDC-4.4#PBF
LTC4069EDC-4.4#TRPBF
LCKQ
6-Lead (2mm X 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
(Note 4)
l
3.75
5.5
V
ICC
Quiescent VCC Supply Current
VBAT = 4.5V (Forces IBAT and IPROG = 0)
l
120
250
μA
ICCMS
VCC Supply Current in Shutdown
Float PROG
l
20
40
μA
ICCUV
VCC Supply Current in Undervoltage Lockout
VCC < VBAT, VCC = 3.5V, VBAT = 4V
l
611
μA
VFLOAT
VBAT Regulated Output Voltage
IBAT = 2mA
IBAT = 2mA, 0°C < TA < 85°C
4.375
4.358
4.4
4.4
4.425
4.442
V
V
IBAT
BAT Pin Current
RPROG = 10k (0.1%), Current Mode
RPROG = 2k (0.1%), Current Mode
l
l
88
475
100
500
112
525
mA
mA
IBMS
Battery Drain Current in Shutdown Mode
Floating PROG, VCC > VBAT
l
–1
0
1
μA
IBUV
Battery Drain Current in Undervoltage
Lockout
VCC = 3.5V, VBAT = 4V
l
01
4
μA
VUVLO
VCC Undervoltage Lockout Voltage
VCC Rising
VCC Falling
l
l
3.4
2.8
3.6
3
3.8
3.2
V
V
VPROG
PROG Pin Voltage
RPROG = 2k, IPROG = 500μA
RPROG = 10k, IPROG = 100μA
l
l
0.98
0.98
1
1
1.02
1.02
V
V
VASD
Automatic Shutdown Threshold Voltage
(VCC – VBAT), VCC Low to High
(VCC – VBAT), VCC High to Low
60
15
80
30
100
45
mV
mV
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 5V, VBAT = 3.8V, VNTC = 0V unless otherwise specified. (Note 2)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC4069-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
More results

Similar Description - LTC4069-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065A LINER-LTC4065A_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com