Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4069-4.4 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4069-4.4
Description  Standalone 750mA Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069-4.4 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4069-4.4_15 Datasheet HTML 4Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 5Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 6Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 7Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 8Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 9Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 10Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 11Page - Linear Technology LTC4069-4.4_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4069-4.4
8
406944fa
OPERATION
temperatures for a given application with the assurance
that the charger will automatically reduce the current in
worst-case conditions.
The charge cycle begins when the voltage at the VCC pin
rises above 3.5V and approximately 80mV above the BAT
pin voltage, a 1% program resistor is connected from the
PROG pin to ground and the NTC pin voltage stays between
0.76 • VCC and 0.35 • VCC or below 0.016 • VCC.
If the BAT pin voltage is below 2.9V, the charger goes into
trickle charge mode, charging the battery at one-tenth the
programmed charge current to bring the cell voltage up to
a safe level for charging. If the BAT pin voltage is above
4.3V, the charger will not charge the battery as the cell
is near full capacity. Otherwise, the charger goes into the
fast charge constant-current mode.
When the BAT pin approaches the final float voltage (4.4V),
the LTC4069-4.4 enters constant-voltage mode and the
charge current begins to decrease. When the current
drops to 10% of the full-scale charge current, an internal
comparator turns off the N-channel MOSFET on the CHRG
pin and the pin assumes a high impedance state.
An internal timer sets the total charge time, tTIMER (typically
4.5 hours). When this time elapses, the charge cycle
terminates and the CHRG pin assumes a high impedance
state. The charge cycle will automatically restart if the
BAT pin voltage falls below VRECHRG (typically 4.3V).
To manually restart the charge cycle, remove the input
voltage and reapply it, or momentarily float the PROG pin
and reconnect it.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current is
1000 times the current out of the PROG pin. The program
resistor and the charge current are calculated using the
following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1
1000
•,
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and using
the following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in undervoltage
lockout until VCC rises above 3.6V and approximately
80mV above the BAT pin voltage. The 3.6V UVLO circuit
has a built-in hysteresis of approximately 0.6V and the
automatic shutdown threshold has a built-in hysteresis
of approximately 50mV. During undervoltage lockout
conditions, maximum battery drain current is 4μA and
maximum supply current is 11μA.
Shutdown Mode
The LTC4069-4.4 can be disabled by floating the PROG pin.
In shutdown mode, the battery drain current is reduced to
less than 1μA and the supply current to about 20μA.
Timer and Recharge
The LTC4069-4.4 has an internal termination timer that
starts when an input voltage greater than the undervoltage
lockout threshold is applied to VCC, or when leaving
shutdown and the battery voltage is less than the recharge
threshold.
At power-up or when exiting shutdown, if the battery voltage
is less than the recharge threshold, the charge time is set
to 4.5 hours. If the battery temperature is either too high
or too low, the timer will pause until the battery returns
to normal temperature. If the battery is greater than the
recharge threshold at power-up or when exiting shutdown,
the timer will not start and charging is prevented since the
battery is at or near full capacity.
Once the charge cycle terminates, the LTC4069-4.4
continuously monitors the BAT pin voltage using a
comparator with a 2ms filter time. When the battery
voltage falls below 4.3V (which corresponds to 80% to
90% battery capacity), a new charge cycle is initiated and
a 2.25 hour timer begins. This ensures that the battery is
kept at, or near, a fully charged condition and eliminates
the need for periodic charge cycle initiations. Also, if the


Similar Part No. - LTC4069-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
More results

Similar Description - LTC4069-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065A LINER-LTC4065A_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com