Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065L Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4065L
Description  Standalone 250mA Li-Ion Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065L Datasheet(HTML) 5 Page - Linear Technology

  LTC4065L_15 Datasheet HTML 1Page - Linear Technology LTC4065L_15 Datasheet HTML 2Page - Linear Technology LTC4065L_15 Datasheet HTML 3Page - Linear Technology LTC4065L_15 Datasheet HTML 4Page - Linear Technology LTC4065L_15 Datasheet HTML 5Page - Linear Technology LTC4065L_15 Datasheet HTML 6Page - Linear Technology LTC4065L_15 Datasheet HTML 7Page - Linear Technology LTC4065L_15 Datasheet HTML 8Page - Linear Technology LTC4065L_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
5
4065lfb
TYPICAL PERFORMANCE CHARACTERISTICS
Battery Regulation (Float) Voltage
vs Battery Charge Current
Battery Regulation (Float) Voltage
vs Temperature
Battery Regulation (Float) Voltage
vs Supply Voltage
Charge Current vs Supply Voltage
(Constant Current Mode)
Charge Current vs Battery Voltage
Charge Current vs Temperature
with Thermal Regulation
(Constant Current Mode)
PROG Pin Voltage vs Temperature
(Constant Current Mode)
PROG Pin Voltage
vs Charge Current
Power FET On Resistance
vs Temperature
IBAT (mA)
0
4.12
4.14
4.16
150
250
4065L G01
4.10
4.08
4.06
50
100
200
4.18
4.22
4.20
4.24
VCC = 5V
TA = 25°C
RPROG = 800Ω
LTC4065L
LTC4065L-4.1
TEMPERATURE (°C)
–50
4.22
25
4065L G02
4.14
4.10
–25
0
50
4.08
4.06
4.24
4.20
4.18
4.16
4.12
75
100
LTC4065L
LTC4065L-4.1
SUPPLY VOLTAGE (V)
4
4.16
4.18
4.20
6
4065L G03
4.12
4.14
4.10
4.06
4.5
5
5.5
4.08
4.24
4.22
TA = 25°C
IBAT = 2mA
RPROG = 800Ω
LTC4065L
LTC4065L-4.1
SUPPLY VOLTAGE (V)
4
0
5
10
20
25
30
15
4.5
5
5.5
6
4065L G04
RPROG = 13.3k
VBAT = 3.8V
TA = 25°C
VBAT (V)
0
0
50
100
150
200
250
300
123
4
4065L G05
5
VCC = 5V
TA = 25°C
RPROG = 800Ω
LTC4065L-4.1
LTC4065L
TEMPERATURE (°C)
–50
0
50
100
150
200
050
100
150
4065L G06
250
300
THERMAL CONTROL
LOOP IN OPERATION
VCC = 5V
VBAT = 3.8V
RPROG = 800Ω
TEMPERATURE (°C)
–50
1.01
1.02
25
75
4065L G07
1.00
–25
0
50
100
0.99
0.98
VCC = 5V
VBAT = 3.8V
RPROG = 13.3k
IBAT (mA)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
50
100
150
200
4065L G08
250
VCC = 5V
TA = 25°C
RPROG = 800Ω
TEMPERATURE (°C)
–50
1.0
1.2
1.4
1.6
1.8
2.0
–25
025
50
4065L G09
75
100
VCC = 4V
IBAT = 150mA


Similar Part No. - LTC4065L_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
More results

Similar Description - LTC4065L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065LX LINER-LTC4065LX_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
   Standalone Li-ion Battery Charger IC
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4_15 Datasheet
207Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com