Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065-4.4 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4065-4.4
Description  Standalone 750mA Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065-4.4 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4065-4.4_15 Datasheet HTML 4Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 5Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 6Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 7Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 8Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 9Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 10Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 11Page - Linear Technology LTC4065-4.4_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC4065-4.4
406544f
OPERATIO
The LTC4065-4.4 is a linear battery charger designed
primarily for charging single-cell lithium-ion batteries.
Featuring an internal P-channel power MOSFET, the charger
uses a constant-current/constant-voltage charge algo-
rithm with programmable current. Charge current can be
programmed up to 750mA with a final float voltage accu-
racy of
±0.6%. The CHRG open-drain status output indi-
cates if C/10 has been reached. No blocking diode or
external sense resistor is required; thus, the basic charger
circuit requires only two external components. An internal
termination timer and trickle charge low-battery condi-
tioning adhere to battery manufacturer safety guidelines.
Furthermore, the LTC4065-4.4 is capable of operating
from a USB power source.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 115
°C. This feature protects
the LTC4065-4.4 from excessive temperature and allows
the user to push the limits of the power handling capability
of a given circuit board without risk of damaging the
LTC4065-4.4 or external components. Another benefit of
the LTC4065-4.4 thermal limit is that charge current can
be set according to typical, not worst-case, ambient tem-
peratures for a given application with the assurance that
the charger will automatically reduce the current in worst-
case conditions.
The charge cycle begins when the following conditions are
met: the voltage at the VCC pin exceeds 3.6V and approxi-
mately 80mV above the BAT pin voltage, a program
resistor is present from the PROG pin to ground and the EN
pin is pulled below the shutdown threshold (typically
0.82V).
If the BAT pin voltage is below 2.9V, the charger goes into
trickle charge mode, charging the battery at one-tenth the
programmed charge current to bring the cell voltage up to
a safe level for charging. If the BAT pin voltage is above
4.3V, the charger will not charge the battery as the cell is
near full capacity. Otherwise, the charger goes into the fast
charge constant-current mode.
When the BAT pin approaches the final float voltage
(4.4V), the LTC4065-4.4 enters constant-voltage mode
and the charge current begins to decrease. When the
current drops to 10% of the full-scale charge current, an
internal comparator turns off the N-channel MOSFET on
the CHRG pin and the pin assumes a high impedance state.
An internal timer sets the total charge time, tTIMER
(typically 4.5 hours). When this time elapses, the charge
cycle terminates and the CHRG pin assumes a high
impedance state. The charge cycle will automatically
restart if the BAT pin voltage falls below VRECHRG
(typically 4.3V). To restart the charge cycle, remove the
input voltage and reapply it, or momentarily force the EN
pin above VMS (typically 0.82V).
When the input voltage is not present, the battery drain
current is reduced to less than 4
µA. The LTC4065-4.4 can
also be shut down by pulling the EN pin above the shutdown
threshold voltage.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current
is 1000 times the current out of the PROG pin. The
program resistor and the charge current are calculated
using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1
1000
•,
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and using
the following equation:
I
V
R
BAT
PROG
PROG
=
• 1000


Similar Part No. - LTC4065-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results

Similar Description - LTC4065-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4069-4.4 LINER-LTC4069-4.4_15 Datasheet
207Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065A LINER-LTC4065A_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com