Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4062 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 4 Page - Linear Technology

  LTC4062_15 Datasheet HTML 1Page - Linear Technology LTC4062_15 Datasheet HTML 2Page - Linear Technology LTC4062_15 Datasheet HTML 3Page - Linear Technology LTC4062_15 Datasheet HTML 4Page - Linear Technology LTC4062_15 Datasheet HTML 5Page - Linear Technology LTC4062_15 Datasheet HTML 6Page - Linear Technology LTC4062_15 Datasheet HTML 7Page - Linear Technology LTC4062_15 Datasheet HTML 8Page - Linear Technology LTC4062_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4062
4
4062fb
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Regulated Output (Float)
Voltage vs Charge Current
PROG Pin Voltage vs Temperature
(Constant-Current Mode)
Charge Current vs PROG
Pin Voltage
PROG Pin Voltage vs VCC
(Constant-Current Mode)
Trickle Charge Current vs
Temperature
Charge Current vs Battery Voltage
Trickle Charge Threshold Voltage
vs Temperature
Battery Regulated Output (Float)
Voltage vs Temperature
Battery Regulated Output (Float)
Voltage vs Supply Voltage
CHARGE CURRENT (mA)
0
600
1000
4062 G01
200
400
800
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
TEMPERATURE (
°C)
–50
4.215
4.210
4.205
4.200
4.195
4.190
4.185
–25
025
50
4062 G02
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4062 G05
1.006
1.004
1.002
1.000
0.998
0.996
0.994
VPROG (V)
0
1200
1000
800
600
400
200
0
0.2
0.4
0.6
0.8
4062 G04
1.0
1.2
TEMPERATURE (
°C)
84
82
80
78
76
4062 G07
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
2.96
2.94
2.92
2.90
2.88
2.86
2.84
4062 G08
VBAT (V)
3.0
550
450
350
250
150
50
3.8
4062 G09
3.2
3.4
3.6
4.0
VCC = 5V
RPROG = 1k
VCC = 5V
RPROG = 10k
RPROG = 10k
C/5 = VCC
VCC = 5V
VBAT = 2.5V
RPROG = 1.25k
VCC = 5V
RPROG = 1.25k
VCC = 5V
RPROG = 1k
C/5 = 5V
VTIMER = 5V
VCC = 5V
RPROG = 2k
VCC = 4.3V
VCC = 8V
C/5 = 5V
C/5 = 0V
4062 G03
VCC (V)
4.0
8.0
5.0
6.0
7.0
4.5
5.5
6.5
7.5
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
RPROG = 1k
TA = 25°C
IBAT = 10mA
4062 G06
VCC (V)
4.0
8.0
5.0
6.0
7.0
1.006
1.004
1.002
1.000
0.998
0.996
0.994
4.5
5.5
6.5
7.5
VCC = 5V
VBAT = 4V
RPROG = 10k
C/5 = 5V
TA = 25°C unless otherwise noted.


Similar Part No. - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062EDD LINER-LTC4062EDD Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com