Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4062 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 2 Page - Linear Technology

  LTC4062_15 Datasheet HTML 1Page - Linear Technology LTC4062_15 Datasheet HTML 2Page - Linear Technology LTC4062_15 Datasheet HTML 3Page - Linear Technology LTC4062_15 Datasheet HTML 4Page - Linear Technology LTC4062_15 Datasheet HTML 5Page - Linear Technology LTC4062_15 Datasheet HTML 6Page - Linear Technology LTC4062_15 Datasheet HTML 7Page - Linear Technology LTC4062_15 Datasheet HTML 8Page - Linear Technology LTC4062_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4062
2
4062fb
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
Input Supply Voltage (VCC) ........................ –0.3V to 10V
EN, OUT, CHRG, IN+, PROG, C/5, BAT ....... –0.3V to 10V
TIMER, IDET ..................................... –0.3V to VCC +0.3V
BAT Short-Circuit Duration ........................... Continuous
VCC Pin Current ......................................................... 1A
BAT Pin Current ......................................................... 1A
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) ... –40
°C to 85°C
Storage Temperature Range .................. –65
°C to 125°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
4.3
8
V
ICC
Input Supply Current
Charge Mode (Note 4), RPROG = 10k
240
500
µA
Standby Mode, Charge Terminated
130
300
µA
Shutdown (EN = 5V, VCC < VBAT or VCC < VUV)
20
50
µA
VFLOAT
VBAT Regulated Output Voltage
4.185
4.2
4.215
V
0 < TA < 85°C
4.175
4.2
4.225
V
IBAT
BAT Pin Current
RPROG = 10k, Constant Current Mode
93
100
107
mA
RPROG = 1.25k, Constant Current Mode
760
800
840
mA
Standby Mode, Charge Terminated, VBAT = 4.2V
–3.5
–7
µA
Shutdown Mode, VBAT = 4.2V
±1
±5
µA
VPROG
PROG Pin Voltage
RPROG = 10k, Constant Current Mode
0.97
1
1.03
V
RPROG = 1.25k, Constant Current Mode
0.97
1
1.03
V
VOUT
OUT Output Low Voltage
IOUT = 5mA
0.10
0.25
V
IOUT = 5mA, VCC = 0V, VBAT = 2.55V
0.16
0.26
V
VCHRG
CHRG Output Low Voltage
ICHRG = 5mA
0.1
0.25
V
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
6
10
14
mA
VBAT < VTRIKL, RPROG = 1.25k
60
80
100
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.8
2.9
3
V
Hysteresis
100
mV
VUV
VCC Undervoltage Lockout
From Low to High
3.7
3.8
3.9
V
Voltage
Hysteresis
200
V
VASD
VCC – VBAT Lockout Threshold
VCC from Low to High, VBAT = 4.3V
145
190
230
mV
Voltage
VCC from High to Low, VBAT = 4.3V
10
45
75
mV
REN
EN Pin Pull-Down Resistor
2
3.4
5
M
TOP VIEW
10
9
6
7
8
11
4
5
3
2
1
VCC
PROG
IDET
EN
C/5
BAT
IN+
TIMER
OUT
CHRG
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD IS GROUND (PIN 11)
MUST BE SOLDERED TO PCB
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART NUMBER
DD PART MARKING
LTC4062EDD
LBJT


Similar Part No. - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062EDD LINER-LTC4062EDD Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com