Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4062 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4062_15 Datasheet HTML 3Page - Linear Technology LTC4062_15 Datasheet HTML 4Page - Linear Technology LTC4062_15 Datasheet HTML 5Page - Linear Technology LTC4062_15 Datasheet HTML 6Page - Linear Technology LTC4062_15 Datasheet HTML 7Page - Linear Technology LTC4062_15 Datasheet HTML 8Page - Linear Technology LTC4062_15 Datasheet HTML 9Page - Linear Technology LTC4062_15 Datasheet HTML 10Page - Linear Technology LTC4062_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4062
7
4062fb
PI FU CTIO S
BAT (Pin 1): Charge Current Output. This pin provides
charge current to the battery and regulates the final float
voltage to 4.2V.
IN+ (Pin 2): Positive Input of the Micropower Comparator.
The negative input is tied internally to a precise bandgap
voltage reference of 1V. There is approximately 50mV of
hysteresis associated with the input comparator threshold
(rising edge).
TIMER (Pin 3): Timer Program and Termination Select
Pin. This pin selects which method is used to terminate the
charge cycle. Connecting a capacitor, CTIMER, to ground
selects charge time termination. The charge time is set by
the following formula:
TIME HOURS
HOURS
C
F
or
CF
TIME HOURS
HOURS
TIMER
TIMER
()
() •
.
.•
()
()
=
µ
3
01
01
3
Connecting the TIMER pin to ground selects charge cur-
rent termination, while connecting the pin to VCC selects
user termination. See Applications Information for more
information on current and user termination.
OUT (Pin 4): Low Power Comparator Open-Drain Output.
This comparator output pin has two states; pull-down and
high impedance. This output can be used as a logic
interface or as an LED driver. In the pull-down state, an
NMOS transistor capable of sinking 10mA pulls down on
the OUT pin. The state of this pin is dependent on the value
of IN+. When IN+ is greater than 1V the output pin is in pull-
down state, if IN+ is less than 1V the output pin is in high
impedance state. See Applications Information.
CHRG (Pin 5): Open-Drain Charge Status Output. The
charge status indicator pin has three states: pull-down,
pulse at 6Hz and high impedance. This output can be used
as a logic interface or as a LED driver. In the pull-down
state, an NMOS transistor capable of sinking 10mA pulls
down on the CHRG pin. The state of this pin depends on the
value of IDETECT as well as the termination method being
used. See Applications Information.
C/5 (Pin 6): C/5 Enable Input. Used to control the amount
of current drawn by the charger when powered from a USB
port. A logic high on the C/5 pin sets the current limit to
100% of the current programmed by the PROG pin. A logic
low on the C/5 pin sets the current limit to 20% of the current
programmed by the PROG pin. An internal 3M
Ωpull-down
resistor defaults the C/5 pin to its low current state.
EN (Pin 7): Charger Enable Input. A logic high on the EN
pin places the charger into shutdown mode, where the
input quiescent current is less than 50
µA. A logic low on
this pin enables charging. An internal 3M
Ω pull-down
resistor to ground defaults the charger to its enabled state.
IDET (Pin 8): Current Detection Threshold Program Pin.
The current detection threshold, IDETECT, is set by con-
necting a resistor, RDETECT, to ground. IDETECT is set by the
following formula:
I
R
R
I
V
R
or
R
V
I
DETECT
PROG
DET
CHG
DET
DET
DETECT
==
=
10
100
100
The CHRG pin becomes high impedance when the charge
current drops below IDETECT. IDETECT can be set to 1/10th
the programmed charge current by connecting IDET di-
rectly to PROG. If the IDET pin is not connected, the CHRG
output remains in its pull-down state until the charge time
elapses and terminates the charge cycle. See Applications
Information.
This pin is clamped to approximately 2.4V. Driving this pin
to voltages beyond the clamp voltage should be avoided.
PROG (Pin 9): Charge Current Program and Charge Cur-
rent Monitor. The charge current is set by connecting a
resistor, RPROG, to ground. When charging in constant
current mode, this pin servos to 1V. The voltage on this pin
can be used to measure the charge current using the
following formula:
I
V
R
BAT
PROG
PROG
=•1000


Similar Part No. - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062EDD LINER-LTC4062EDD Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com