Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4054-4.2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4054-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054-4.2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4054-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 9Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 10Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 11Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 12Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 13Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 14Page - Linear Technology LTC4054-4.2_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC4054-4.2/LTC4054X-4.2
405442xf
The following table lists thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with the device
mounted on topside.
Table 1. Measured Thermal Resistance (2-Layer Board*)
COPPER AREA
BOARD
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
AREA
JUNCTION-TO-AMBIENT
2500mm2
2500mm2
2500mm2
125
°C/W
1000mm2
2500mm2
2500mm2
125
°C/W
225mm2
2500mm2
2500mm2
130
°C/W
100mm2
2500mm2
2500mm2
135
°C/W
50mm2
2500mm2
2500mm2
150
°C/W
Table 2. Measured Thermal Resistance (4-Layer Board**)
COPPER AREA
BOARD
THERMAL RESISTANCE
(EACH SIDE)
AREA
JUNCTION-TO-AMBIENT
2500mm2***
2500mm2
80
°C/W
Increasing Thermal Regulation Current
Reducing the voltage drop across the internal MOSFET
can significantly decrease the power dissipation in the IC.
This has the effect of increasing the current delivered to
the battery during thermal regulation. One method is by
dissipating some of the power through an external compo-
nent, such as a resistor or diode.
Example: An LTC4054 operating from a 5V wall adapter is
programmed to supply 800mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V. Assum-
ing
θJA is 125°C/W, the approximate charge current at an
ambient temperature of 25
°C is:
I
CC
VV
C W
mA
BAT =
°°
°
=
120
25
5
3 75
125
608
(– .
)•
/
By dropping voltage across a resistor in series with a 5V
wall adapter (shown in Figure 3), the on-chip power
dissipation can be decreased, thus increasing the ther-
mally regulated charge current
I
CC
VI
R
V
BAT
S
BAT CC
BAT
JA
=
°°
120
25
(–
)•
θ
APPLICATIO S I FOR ATIO
The LTC4054 can be used above 45
°C ambient, but the
charge current will be reduced from 400mA. The approxi-
mate current at a given ambient temperature can be
approximated by:
I
CT
VV
BAT
A
CC
BAT
JA
=
°
()
120
–•
θ
Using the previous example with an ambient temperature
of 60
°C, the charge current will be reduced to approxi-
mately:
I
CC
VV
C W
C
CA
ImA
BAT
BAT
=
°°
() °
=
°
°
=
120
60
5
3 75
150
60
187 5
320
–.
/
./
Moreover, when thermal feedback reduces the charge
current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section.
It is important to remember that LTC4054 applications do
not need to be designed for worst-case thermal conditions
since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately
120
°C.
Thermal Considerations
Because of the small size of the ThinSOT package, it is very
important to use a good thermal PC board layout to
maximize the available charge current. The thermal path
for the heat generated by the IC is from the die to the
copper lead frame, through the package leads, (especially
the ground lead) to the PC board copper. The PC board
copper is the heat sink. The footprint copper pads should
be as wide as possible and expand out to larger copper
areas to spread and dissipate the heat to the surrounding
ambient. Feedthrough vias to inner or backside copper
layers are also useful in improving the overall thermal
performance of the charger. Other heat sources on the
board, not related to the charger, must also be considered
when designing a PC board layout because they will affect
overall temperature rise and the maximum charge current.
*Each layer uses one ounce copper
*Top and bottom layers use two ounce copper, inner layers use one ounce copper.
**10,000mm2 total copper area


Similar Part No. - LTC4054-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054-4.2 LINER-LTC4054-4.2 Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com