Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4053-4.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4053-4.2
Description  USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4053-4.2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4053-4.2_15 Datasheet HTML 1Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 2Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 3Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4053-4.2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4053-4.2
5
4053fa
TYPICAL PERFOR A CE CHARACTERISTICS
PROG Pin Voltage
vs Charge Current
PROG Pin Voltage vs VCC
Constant Current Mode
PROG Pin Voltage vs Temperature
Constant Current Mode
CHARGE CURRENT (mA)
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
400
4052 G10
100
200
300
500
350
50
150
250
450
VCC = 5V
TA = 25°C
RPROG = 3k
VCC (V)
4
1.485
1.490
1.495
1.500
1.505
1.515
4.5
5
5.5
6
4053 G11
6.5
7
1.510
VBAT = 3.5V
TA = 25°C
RPROG = 3k
TEMPERATURE (
°C)
–50
1.485
1.490
1.495
1.500
1.505
1.515
–25
025
50
4053 G12
75
100
1.510
VCC = 5V
VBAT = 4V
RPROG = 3k
Trickle Charge Current
vs Temperature
CHRG Pin Weak Pull-Down
Current vs Temperature
CHRG Pin Output Low Voltage
vs Temperature
TEMPERATURE (
°C)
–50
–25
7
9
12
0
50
75
4053 G13
8
11
10
25
100
125
VBAT = 2V
TA = 25°C
RPROG = 3k
TEMPERATURE (
°C)
–50
25
26
28
29
30
35
32
0
50
75
LTC1323 • TPC05
27
33
34
31
–25
25
100
125
VCC = 5V
IBAT < C/10
TEMPERATURE (
°C)
–50
0.4
0.5
0.6
25
75
4053 G15
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
ICHRG = 5mA
Timer Error vs Temperature
TEMPERATURE (
°C)
–50
–5
–4
–2
–1
0
5
2
0
50
75
LTC1323 • TPC05
–3
3
4
1
–25
25
100
125
VCC = 5V
CTIMER = 0.1µF
Timer Error vs VCC
VCC (V)
4
–5
–3
–1
1
4.5
5
5.5
6
4056 G17
6.5
3
5
–4
–2
0
2
4
7
TA = 25°C
CTIMER = 0.1µF


Similar Part No. - LTC4053-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2 Datasheet
195Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC4053-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2 Datasheet
195Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733 Datasheet
169Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com