Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4010 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4010_15 Datasheet HTML 6Page - Linear Technology LTC4010_15 Datasheet HTML 7Page - Linear Technology LTC4010_15 Datasheet HTML 8Page - Linear Technology LTC4010_15 Datasheet HTML 9Page - Linear Technology LTC4010_15 Datasheet HTML 10Page - Linear Technology LTC4010_15 Datasheet HTML 11Page - Linear Technology LTC4010_15 Datasheet HTML 12Page - Linear Technology LTC4010_15 Datasheet HTML 13Page - Linear Technology LTC4010_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4010
0
4010fb
Shutdown State
The LTC4010 remains in micropower shutdown until VCC
(Pin 15) is driven above BAT (Pin 10). In shutdown all
status and PWM outputs and internally generated supply
voltages are inactive. Current consumption from VCC and
BAT is reduced to a very low level.
Charge Qualification State
OnceVCCisgreaterthanBAT,theLTC4010exitsmicropower
shutdown, enables its own internal supplies and switches
VCDIV to GND to allow measurement of the average single-
cell voltage. The IC also verifies that VCCisatorabove4.2V,
VCCis510mVaboveBATandVCELLisbetween350mVand
1.95V. If VCELL is below 350mV, no charging will occur, and
if VCELL is above 1.95V, the fault state is entered, which
is described in more detail below. Once adequate voltage
conditions exist for charging, READY is asserted.
If the voltage between VTEMP and GND is below 200mV, the
LTC4010 is paused. If VTEMP is above 200mV but below
2.85V, the LTC4010 verifies that the sensed temperature
is between 5°C and 45°C. If these temperature limits
are not met or if its own die temperature is too high, the
LTC4010 will indicate a fault and not allow charging to
begin. If VTEMP is greater than 2.85V, battery temperature
related charge qualification, monitoring and termination
are disabled.
Once charging is fully qualified, precharge begins (unless
the LTC4010 is paused). In that case, the VTEMP pin is
monitoredforfurthercontrol.Thechargestatusindicators
and PWM outputs remain inactive until charging begins.
Charge Monitoring
The LTC4010 continues to monitor important voltage and
temperature parameters during all charging states. If VCC
drops to the BAT voltage or lower, charging stops and the
shutdown state is entered. If VCC drops below 4.25V or
VCELLdropsbelow350mV,chargingstopsandtheLTC4010
returns to the charge qualification state. If VCELL exceeds
1.95V, charging stops and the IC enters the fault state. If an
externalthermistorindicatessensedtemperatureisbeyond
a range of 5°C to 60°C, or the internal die temperature
exceeds a resonable value, charging is suspended, the
charge timer is paused and the LTC4010 indicates a fault
condition. Normal charging resumes from the previous
statewhenthesensedtemperaturereturnstoasatisfactory
range. In addition, other battery faults are detected during
specific charging states as described below.
Precharge State
If the initial voltage on VCELL is below 900mV, the LTC4010
enters the precharge state and enables the PWM current
source to trickle charge using one-fifth the programmed
charge current. The CHRG status output is active during
precharge. The precharge state duration is limited to
tMAX/12 minutes, where tMAX is the maximum fast charge
period programmed with the TIMER pin. If sufficient VCELL
voltage cannot be developed in this length of time, the fault
state is entered, otherwise fast charge begins.
Fast Charge State
If adequate average single-cell voltage exists, the LTC4010
enters the fast charge state and begins charging at the
programmed current set by the external current sense
resistor connected between the SENSE and BAT pins.
The CHRG status output is active during fast charge. If
VCELL is initially above 1.325V, voltage-based termination
processingbeginsimmediately.Otherwise–∆Vtermination
is disabled for a stabilization period of tMAX/12. In that
case, the LTC4010 makes another fault check at tMAX/12,
requiring the average cell voltage to be above 1.22V. This
ensures the battery pack is accepting a fast charge. If
VCELL is not above this voltage threshold, the fault state is
entered. Fast charge state duration is limited to tMAX and
the fault state is entered if this limit is exceeded.
operaTion (Refer to Figure 1)


Similar Part No. - LTC4010_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4010CFE LINER-LTC4010CFE Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFEPBF LINER-LTC4010CFEPBF Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFETR LINER-LTC4010CFETR Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFETRPBF LINER-LTC4010CFETRPBF Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Integrated Syste...
LTC4010EFE LINEAR-LTC4010EFE Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4010_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com