Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1640L Datasheet(PDF) 10 Page - Linear Technology

Part # LT1640L
Description  Negative Voltage Hot Swap Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640L Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1640L Datasheet HTML 4Page - Linear Technology LT1640L Datasheet HTML 5Page - Linear Technology LT1640L Datasheet HTML 6Page - Linear Technology LT1640L Datasheet HTML 7Page - Linear Technology LT1640L Datasheet HTML 8Page - Linear Technology LT1640L Datasheet HTML 9Page - Linear Technology LT1640L Datasheet HTML 10Page - Linear Technology LT1640L Datasheet HTML 11Page - Linear Technology LT1640L Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1640L/LT1640H
APPLICATIONS INFORMATION
supply input. The UV and OV pins are internally connected
to analog comparators with 20mV of hysteresis. When the
UV pin falls below its threshold or the OV pin rises above
its threshold, the GATE pin is immediately pulled low. The
GATE pin will be held low until UV is high and OV is low.
The undervoltage and overvoltage trip voltages can be
programmed using a three resistor divider as shown in
Figure 10a. With R4 = 562k, R5 = 9.09k and R6 = 10K, the
undervoltage threshold is set to 37V and the overvoltage
threshold is set to 71V. The resistor divider will also gain
up the 20mV hysteresis at the UV pin and OV pin to 0.6V
and 1.2V at the input respectively.
More hysteresis can be added to the UV threshold by
connecting resistor R3 between the UV pin and the GATE
pin as shown in Figure 10b.
The new threshold voltage when the input moves from low
to high is:
VV
R
R
RR
RR
RR
UV LH
UVH
,
•••
=
++


2
3
13
12
23
where VUVH is typically 1.243V.
The new threshold voltage when the input moves from
high to low is:
VV
R
R
RR
RR
RR
V
R
R
UV HL
UVL
GATE
,
•••
–•
=
++




2
3
13
12
23
1
3
where VUVL is typically 1.223V.
The new hysteresis value will be:
VV
R
R
RR
RR
RR
V
R
R
HYS
UVHY
GATE
=
++


+


2
3
13
12
23
1
3
•••
With R1 = 562k, R2 = 16.9k and R3 = 1.62M, VGATE =
135mV and VUVHY = 20mV, the undervoltage threshold
will be 43V (from low to high) and 37.6V (from high to
low). The hysteresis is 5.4V. A separate resistor divider
should be used to set the overvoltage threshold given by:
VV
RR
R
OV
OVH
=
+


45
5
With R4 = 506k, R5 = 8.87k and VOVH = 1.223V, the
overvoltage threshold will be 71V.
Figure 10a. Undervoltage and Overvoltage Sensing
VEE
VDD
LT1640L
LT1640H
R4
R5
R6
4
1640 F10a
OV
GND
3
2
– 48V
UV
8
VUV = 1.223
R4 + R5+ R6
R5 + R6
()
VOV = 1.223
R4 + R5+ R6
R6
()
PWRGD/PWRGD Output
The PWRGD/PWRGD output can be used to directly en-
able a power module when the input voltage to the module
is within tolerance. The LT1640L has a PWRGD output for
modules with an active low enable input, and the LT1640H
has a PWRGD output for modules with an active high
enable input.
When the DRAIN voltage of the LT1640H is high with
respect to VEE (Figure 11), the internal transistor Q3 is
turned off and R7 and Q2 clamp the PWRGD pin one diode
drop (
≈0.7V) above the DRAIN pin. Transistor Q2 sinks
the module’s pull-up current and the module turns off.
When the DRAIN voltage drops below VPG, Q3 will turn on,
shorting the bottom of R7 to VEE and turning Q2 off. The
VEE
VDD
LT1640L /LT1640H
SENSE
C1
0.033
µF
24V
Q1
IRF530
R6
10
5%
R1
562k
1%
R3
1.62M
1%
R2
16.9k
1%
R4
506k
1%
R5
8.87k
1%
R1
0.02
5%
4
2
3
UV
= 37.6V
UV
= 43V
GND
– 48V
UV
OV
56
8
GATE
1640 F10b
OV
= 71V
Figure 10b. Programmable Hysteresis
for Undervoltage Detection


Similar Part No. - LT1640L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640LCN8 LINER-LT1640LCN8 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640LCS8 LINER-LT1640LCS8 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640LIN8 LINER-LT1640LIN8 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640LIS8 LINER-LT1640LIS8 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
More results

Similar Description - LT1640L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com