Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4002 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4002_15 Datasheet HTML 2Page - Linear Technology LTC4002_15 Datasheet HTML 3Page - Linear Technology LTC4002_15 Datasheet HTML 4Page - Linear Technology LTC4002_15 Datasheet HTML 5Page - Linear Technology LTC4002_15 Datasheet HTML 6Page - Linear Technology LTC4002_15 Datasheet HTML 7Page - Linear Technology LTC4002_15 Datasheet HTML 8Page - Linear Technology LTC4002_15 Datasheet HTML 9Page - Linear Technology LTC4002_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4002
6
4002f
Current Mode Sense Voltage
vs Temperature
TEMPERATURE (°C)
–50
25
4002 G13
100
–25
0
50
96
104
75
100
125
Current Mode Sense Voltage
vs VCC
VCC (V)
5
100
25
4002 G14
98
10
15
20
102
VBAT = 4V
LTC4002-4.2
Current Mode Sense Voltage
vs VCC
VCC (V)
5
100
25
4002 G15
98
10
15
20
102
VBAT = 8V
LTC4002-8.4
COMP Pin Output Current
vs VCC
VCC (V)
5
100
25
4002 G16
98
10
15
20
102
VCOMP = 0V
COMP Pin Output Current
vs Temperature
TEMPERATURE (°C)
–50
25
4002 G17
100
–25
0
50
96
104
75
100
125
VCOMP = 0V
NTC Pin Output Current
vs VCC
VCC (V)
5
85
25
4002 G18
84
10
15
20
86
VNTC = 0V
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VCC = 10V unless otherwise noted.
Trickle Charge Voltage
vs Temperature
Trickle Charge Voltage
vs VCC
TEMPERATURE (°C)
–50
25
4002 G19
2.9
–25
0
50
2.8
3.0
75
100
125
LTC4002-4.2
VCC (V)
5
2.9
25
4002 G20
2.8
10
15
20
3.0
LTC4002-4.2
Trickle Charge Voltage
vs Temperature
TEMPERATURE (°C)
–50
25
4002 G21
5.0
–25
0
50
4.8
5.2
75
100
125
LTC4002-8.4


Similar Part No. - LTC4002_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002EDD LINER-LTC4002EDD Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002EDD-4.2 LINER-LTC4002EDD-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002EDD-4.2 LINER-LTC4002EDD-4.2 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002EDD-8.4 LINER-LTC4002EDD-8.4 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
More results

Similar Description - LTC4002_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com