Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1636CN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1636CN8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1636CN8 Datasheet HTML 4Page - Linear Technology LT1636CN8 Datasheet HTML 5Page - Linear Technology LT1636CN8 Datasheet HTML 6Page - Linear Technology LT1636CN8 Datasheet HTML 7Page - Linear Technology LT1636CN8 Datasheet HTML 8Page - Linear Technology LT1636CN8 Datasheet HTML 9Page - Linear Technology LT1636CN8 Datasheet HTML 10Page - Linear Technology LT1636CN8 Datasheet HTML 11Page - Linear Technology LT1636CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1636
7 V +
4 V
6 OUT
8
1
NULL
NULL
1636 SS
3
5
+IN
–IN
Q25
Q24
Q26
Q18
Q17
R6
40k
R8
300
R5
40k
R3
1k
R4
1k
SHDN
R7
300
Q16
Q15
Q10
Q11
Q9
Q8
Q14
Q2
D5
D2
Q13
Q1
2
µA
Q20
Q23
D3
Q7
D1
D4
Q6
Q4
Q5
2
R2
30k
R1
1M
Q3
Q19
Q21
Q22
Q12
TYPICAL APPLICATIONS
MUX Amplifier
MUX Amplifier Waveforms
+
LT1636
74HC04
1636 TA05
VIN1
VOUT
VIN2
INPUT
SELECT
SHDN
5V
5V
+
LT1636
SHDN
VS = 5V
VIN1 = 1.2kHz AT 4VP-P, VIN2 = 2.4kHz AT 2VP-P
INPUT SELECT = 120Hz AT 5VP-P
SCHEMATIC
SI PLIFIED
+
LT1636
1636 TA09
VIN
0.22
µF
CL ≤ 10,000pF
150
Optional Output Compensation for
Capacitive Loads Greater Than 200pF


Similar Part No. - LT1636CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636CN8 LINER-LT1636CN8 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results

Similar Description - LT1636CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com