Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0166A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0166A
Description  ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0166A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0166A_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0166A_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0166A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SRH __ UF __ __
Screening2/ __ = None
TX = TX Level
TXV = TXV Level
S = S Level
Package
__ = Axial
SMS = Surface Mount Square Tab
Recovery Time
UF = Ultra Fast
Voltage
20 = 2,000 V
25 = 2,500 V
30 = 3,000 V
SRH20UF thru SRH30UF
Series
1.5 AMP
2,000 - 3,000 VOLTS
ULTRA FAST RECOVERY
HIGH VOLTAGE RECTIFIER
FEATURES:
Ultra Fast Recovery: 90 nsec Maximum
PIV to 3 KV
Hermetically Sealed Axial and Surface Mount Package
Void-Free Ceramic Frit Glass Construction
High Temperature Category I Eutectic Metallurgical Bond
Excellent Thermal Shock Performance
For use in high voltage systems
175°C Maximum Operating Temperature
Smaller-sized Replacement for 1N6512 thru 1N6515 and
1N6520 thru 1N6523 in Many Applications
TX, TXV, and Space Level Screening Available2/
Available in Fast and Hyper Fast Versions. Contact
Factory.
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse
Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(see note 8)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Resistance
Symbol
PIV
IO
IR
VF
IFSM
tRR
CJ
RθJE
RθJL
Units
Volts
A
A
Volts
Amps
nsec
pF
°C/W
Conditions
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L =
1/8”
SRH20UF
2000
1.5
1.0
0.5
15
6.5
60
90
10
4
8
SRH25UF
2500
1.5
1.0
0.5
15
6.5
60
90
10
4
8
SRH30UF
3000
1.5
1.0
0.5
15
6.5
60
90
10
4
8
1/ For ordering information, price, and availability – Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. Lead/End Tab temp. for soldering is 250°C, 3/8” from case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse recovery test conditions: IF=0.5A, IR=1.0A, IRR=.25A, TA=25°C.
8/ Surge at 1 ms square pulse. 1 cycle.
Axial
Surface Mount
Square Tab
This device is a replacement for SSDI’s SDH20UF through SDH30UF family of devices.
This device offers superior performance in VF & IR.


Similar Part No. - RC0166A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0166A SSDI-RC0166A Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - RC0166A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
JANS1N6512 SSDI-JANS1N6512 Datasheet
136Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A Datasheet
158Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
1N6512 SSDI-1N6512 Datasheet
156Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20UF SSDI-SDH20UF_2 Datasheet
72Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A_15 Datasheet
158Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0059F SSDI-RC0059F_15 Datasheet
82Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0166A SSDI-RC0166A Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF_1 Datasheet
73Kb / 1P
   ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HVR5510U15 GETEDZ-HVR5510U15_17 Datasheet
523Kb / 2P
   Ultra Fast Recovery High Voltage Rectifier Subassembly
HVR5510U12 GETEDZ-HVR5510U12_17 Datasheet
522Kb / 2P
   Ultra Fast Recovery High Voltage Rectifier Subassembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com