Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10A45SP5-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR10A45SP5-13
Description  10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10A45SP5-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR10A45SP5-13 Datasheet HTML 1Page - Diodes Incorporated SBR10A45SP5-13 Datasheet HTML 2Page - Diodes Incorporated SBR10A45SP5-13 Datasheet HTML 3Page - Diodes Incorporated SBR10A45SP5-13 Datasheet HTML 4Page - Diodes Incorporated SBR10A45SP5-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR10A45SP5
Document number: DS35202 Rev. 6 - 2
4 of 5
www.diodes.com
December 2012
© Diodes Incorporated
SBR10A45SP5
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.65
W
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
C
1.840
G
0.852
X
3.360
X1
1.390
Y
4.860
Y1
1.400
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W
G
X
C
Y1
(2x)
Y
X1
(2x)


Similar Part No. - SBR10A45SP5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5-13 DIODES-SBR10A45SP5-13 Datasheet
94Kb / 4P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10A45SP5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR1045SP5 DIODES-SBR1045SP5_15 Datasheet
217Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com