Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1579CS-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1579CS-5
Description  300mA Dual Input Smart Battery Backup Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS-5 Datasheet(HTML) 1 Page - Linear Technology

  LT1579CS-5 Datasheet HTML 1Page - Linear Technology LT1579CS-5 Datasheet HTML 2Page - Linear Technology LT1579CS-5 Datasheet HTML 3Page - Linear Technology LT1579CS-5 Datasheet HTML 4Page - Linear Technology LT1579CS-5 Datasheet HTML 5Page - Linear Technology LT1579CS-5 Datasheet HTML 6Page - Linear Technology LT1579CS-5 Datasheet HTML 7Page - Linear Technology LT1579CS-5 Datasheet HTML 8Page - Linear Technology LT1579CS-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1579
300mA Dual Input Smart
Battery Backup Regulator
Daisy-Chained Control Outputs
FEATURES
The LT
®1579 is a dual input, single output, low dropout
regulator. This device is designed to provide an
uninterruptible output voltage from two independent input
voltage sources on a priority basis. All of the circuitry
needed to switch smoothly and automatically between
inputs is incorporated.
The LT1579 can supply 300mA of output current from
either input at a dropout voltage of 0.4V. Quiescent current
is 50
µA, dropping to 7µA in shutdown. Two comparators
are included to monitor input voltage status. Two addi-
tional status flags indicate which input is supplying power
and provide an early warning against loss of output
regulation when both inputs are low. A secondary select
pin is provided so that the user can force the device to
switch from the primary input to the secondary input.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting and reverse-
current protection.
The device is available in fixed output voltages of 3V, 3.3V
and 5V, and as an adjustable device with a 1.5V reference
voltage. The LT1579 regulators are available in narrow
16-lead SO and 16-lead SSOP packages with all features,
and in SO-8 with limited features.
DESCRIPTION
s
Maintains Output Regulation with Dual Inputs
s
Dropout Voltage: 0.4V
s
Output Current: 300mA
s
50
µA Quiescent Current
s
No Protection Diodes Needed
s
Two Low-Battery Comparators
s
Status Flags Aid Power Management
s
Adjustable Output from 1.5V to 20V
s
Fixed Output Voltages: 3V, 3.3V and 5V
s
7
µA Quiescent Current in Shutdown
s
Reverse-Battery Protection
s
Reverse Current Protection
s
Remove, Recharge and Replace Batteries Without
Loss of Regulation
5V Dual Battery Supply
Automatic Input Switching
2.7M
1M
2.7M
1M
+
1
µF
+
1
µF
+
4.7
µF
5V
300mA
TO
POWER
MANAGEMENT
0.01
µF
IN1
OUT
SS
SHDN
LBO1
LB02
BACKUP
DROPOUT
BIASCOMP
LBI1
IN2
LBI2
GND
LT1579-5
1579 TA01
TIME (ms)
0
4
8
12
16
1578 TA02
0
5.00
2
6
40
80
0
20
60
10
5.05
4.95
4
8
12
218
6
10
14
20
VIN2 = 10V
ILOAD = 50mA
SWITCHOVER
POINT
VIN1
IIN1
IIN2
APPLICATIONS
s
Dual Battery Systems
s
Battery Backup Systems
s
Automatic Power Management for
Battery-Operated Systems
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1579CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579_15 Datasheet
304Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
More results

Similar Description - LT1579CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579_15 Datasheet
304Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
   300mA 36V Input Regulator
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com