Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL980-10-9-PD Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SPL980-10-9-PD
Description  Pigtailed Coaxial Laser Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SPL980-10-9-PD Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SPL980-10-9-PD Datasheet HTML 1Page - Roithner LaserTechnik GmbH SPL980-10-9-PD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24.10.2011
SLP980-10-9-PD
1 of 2
SPL980-10-9-PD
Pigtailed Coaxial Laser Diode
Features
Applications
• 980 nm
• SM Fiber
• Coaxial package
• Built-in PD
• Medical laser treatment
• Communication
Electrical Connection
Pin Configuration
Bottom View
n-type
PIN
Function
1
LD Cathode
2
LD Anode, PD Cathode
3
PD Anode
Specifications (25°C)
Type
Min.
Typ.
Max.
Unit
Optical Specification
Output Power PF
-
10
-
mW
Center Wavelength
λ
C
970
980
990
nm
Spectral Width
Δλ
-
2.0
-
nm
Fiber Characteristics
Fiber Core Size
-
9
-
µm
Fiber Length
-
0.8
1.0
m
Connector
FC/ST/SMA-905
Electrical Specification
Slope Efficiency ES
0.8
0.9
-
mW/mA
Threshold Current Ith
-
35
-
mA
Operation Current IO
-
135
-
mA
Operation Voltage Vf
-
2.0
2.5
V
Monitor Current Im
-
0.1
-
mA
PD Reverse Voltage
-
30
-
V
Package Style
Coaxial
Absolute Maximum Ratings
Reverse Voltage Vr
2.0
V
Operating Temperature TOp
-10 … +40
°C
Storage Temperature Tstg
-40 … +85
°C
Lead Soldering Temperature (10 sec.)
260
°C
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SPL980-10-9-PD

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
SPL980-10-9-PD ROCHESTER-SPL980-10-9-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
More results

Similar Description - SPL980-10-9-PD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
SPL405-50-50M ROCHESTER-SPL405-50-50M Datasheet
165Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-40-105M-PD ROCHESTER-SPL785-40-105M-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL980-100-105M-PD ROCHESTER-SPL980-100-105M-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-3-9-PD ROCHESTER-SPL1310-3-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-015-4 ROCHESTER-SPL405-015-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com