Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1580C Datasheet(PDF) 11 Page - Linear Technology

Part # LT1580C
Description  7A, Very Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580C Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1580C Datasheet HTML 7Page - Linear Technology LT1580C Datasheet HTML 8Page - Linear Technology LT1580C Datasheet HTML 9Page - Linear Technology LT1580C Datasheet HTML 10Page - Linear Technology LT1580C Datasheet HTML 11Page - Linear Technology LT1580C Datasheet HTML 12Page - Linear Technology LT1580C Datasheet HTML 13Page - Linear Technology LT1580C Datasheet HTML 14Page - Linear Technology LT1580C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1580/LT1580-2.5
APPLICATIONS INFORMATION
low dropout applications the power dissipation will be less
than 12W.
The power in the device is made up of two main compo-
nents: the power in the output transistor and the power in
the drive circuit. The additional power in the control circuit
is negligible.
The power in the drive circuit will be equal to:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
where ICONTROL is equal to between IOUT/100 (typ) and
IOUT/58 (max).
ICONTROL is a function of output current. A curve of
ICONTROL vs IOUT can be found in the Typical Performance
Characteristics curves.
The power in the output transistor is equal to:
POUTPUT = (VPOWER – VOUT)(IOUT)
The total power is equal to:
PTOTAL = PDRIVE + POUTPUT
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for heat flow. Proper
mounting is required to ensure the best possible thermal
flow from this area of the package to the heat sink. Thermal
compound at the case-to-heat sink interface is strongly
recommended. If the case of the device must be electroni-
cally isolated, a thermally conductive spacer can be used
as long as the added contribution to thermal resistance is
considered. Please consult Linear Technology’s “ Mount-
ing Considerations for Power Semiconductors,”
1990
Linear Applications Handbook, Volume 1, Pages RR3-1 to
RR3-20. Note that the case of the LT1580 is electrically
connected to the output.
The following example illustrates how to calculate
maximum junction temperature. Using an LT1580 and
assuming:
VCONTROL (max continuous) = 5.25V (5V + 5%),
VPOWER (max continuous) = 3.465V (3.3V + 5%),
VOUT = 2.5V, Iout = 4A,
TA = 70°C, θHEATSINK = 4°C/W,
θCASE-HEATSINK = 1°C/W (with thermal compound)
Power dissipation under these conditions is equal to:
Total Power Dissipation = PDRIVE + POUTPUT
PDRIVE = (VCONTROL – VOUT) (ICONTROL)
ICONTROL = IOUT/58 = 4A/58 = 69mA
PDRIVE = (5.25V – 2.5V)(69mA) = 190mW
POUTPUT = (VPOWER – VOUT)(IOUT)
= ( 3.465V – 2.5V)(4A) = 3.9W
Total Power Dissipation = 4.05W
Junction temperature will be equal to:
TJ = TA + PTOTAL HEATSINK + θCASE-HEATSINK + θJC)
For the Control section:
TJ = 70°C + 4.05W(4°C/W +1°C/W + 0.65°C/W) = 93°C
93
°C < 125°C = TJMAX for Control Section
For the Power section:
TJ = 70°C + 4.05W (4°C/W + 1°C/W + 2.7°C/W) = 101°C
101
°C < 150°C = TJMAX for Power Section
In both cases the junction temperature is below the
maximum rating for the respective sections, ensuring
reliable operation.


Similar Part No. - LT1580C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1580 LINER-LT1580 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1580-2.5 LINER-LT1580-2.5 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
More results

Similar Description - LT1580C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com