Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1578C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1578C
Description  1.5A, 200kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578C Datasheet(HTML) 1 Page - Linear Technology

  LT1578C Datasheet HTML 1Page - Linear Technology LT1578C Datasheet HTML 2Page - Linear Technology LT1578C Datasheet HTML 3Page - Linear Technology LT1578C Datasheet HTML 4Page - Linear Technology LT1578C Datasheet HTML 5Page - Linear Technology LT1578C Datasheet HTML 6Page - Linear Technology LT1578C Datasheet HTML 7Page - Linear Technology LT1578C Datasheet HTML 8Page - Linear Technology LT1578C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1578/LT1578-2.5
1.5A, 200kHz Step-Down
Switching Regulator
3.3V Buck Converter
Efficiency vs Load Current
s
1.5A Switch Current
s
High Efficiency—Low Loss 0.2
Ω Switch
s
Constant 200kHz Switching Frequency
s
4V to 15V Input VoltageRange
s
Minimum Output: 1.21V
s
Low Supply Current: 1.9mA
s
Low Shutdown Current: 20
µA
s
Easily Synchronizable Up to 400kHz
s
Cycle-by-Cycle Current Limit
s
Reduced EMI Generation
s
Low Thermal Resistance SO-8 Package
s
Uses Small Low Value Inductors
The LT
®1578 is a 200kHz monolithic buck mode switching
regulator. A 1.5A switch is included on the die along with
all the necessary oscillator, control and logic circuitry. The
topology is current mode for fast transient response and
good loop stability. The LT1578 is a modified version of the
LT1507 that has been optimized for noise sensitive appli-
cations. It will operate over a 4V to 15V input range.
In addition, the reference voltage has been lowered to al-
low the device to produce output voltages down to 1.2V.
Quiescent current has been reduced by a factor of two.
Switch on resistance has been reduced by 30%. Switch tran-
sition times have been slowed to reduce EMI generation.
The oscillator frequency has been reduced to 200kHz to
maintain high efficiency over a wide output current range.
The pinout has been changed to improve PC layout by al-
lowing the high current, high frequency switching circuitry
to be easily isolated from low current, noise sensitive con-
trol circuitry. The new SO-8 package includes a fused
ground lead that significantly reduces the thermal resistance
of the device to extend the ambient operating temperature
range. Standard surface mount external parts can be used
including the inductor and capacitors.
s
Portable Computers
s
Battery-Powered Systems
s
Battery Chargers
s
Distributed Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
LOAD CURRENT (A)
0
90
85
80
75
70
65
60
55
50
0.25
0.50
0.75
1.00
1578 TA02
1.25
1.50
VOUT = 3.3V
VIN = 5V
L = 25
µH
DESCRIPTIO
FEATURES
APPLICATIO S
BOOST
LT1578
VIN
SHDN
OUTPUT**
3.3V, 1.25A
* RIPPLE CURRENT RATING
≥ IOUT/2
** INCREASE L1 TO 30
µH FOR LOAD
CURRENTS ABOVE 0.6A AND TO
60
µH ABOVE 1A
SEE APPLICATIONS INFORMATION
INPUT
5V TO 15V
1578 TA01
C2
0.33
µF
CC
100pF
D1
1N5818
C1
100
µF, 10V
SOLID
TANTALUM
C3*
10
µF TO
50
µF
OPEN = ON
D2
1N914
L1**
15
µH
VSW
FB
GND
VC
+
+
R2
4.99k
R1
8.66k
TYPICAL APPLICATION


Similar Part No. - LT1578C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1578C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com