Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1529CT Datasheet(PDF) 6 Page - Linear Technology

Part # LT1529CT
Description  3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1529CT Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1529CT Datasheet HTML 2Page - Linear Technology LT1529CT Datasheet HTML 3Page - Linear Technology LT1529CT Datasheet HTML 4Page - Linear Technology LT1529CT Datasheet HTML 5Page - Linear Technology LT1529CT Datasheet HTML 6Page - Linear Technology LT1529CT Datasheet HTML 7Page - Linear Technology LT1529CT Datasheet HTML 8Page - Linear Technology LT1529CT Datasheet HTML 9Page - Linear Technology LT1529CT Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1529
LT1529-3.3/LT1529-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
SHDN Pin Current
ADJ Pin Bias Current
TEMPERATURE (
°C)
–50
0
1
3
4
5
10
7
0
50
75
LT1529 • G19
2
8
9
6
–25
25
100
125
VSHDN = 0V
SHDN Pin Input Current
SHDN PIN VOLTAGE (V)
0
0
5
15
20
25
2
4
59
LT1529 • G20
10
13
6
7
8
TEMPERATURE (
°C)
–50
0
50
150
200
250
500
350
0
50
75
LT1529 • G21
100
400
450
300
–25
25
100
125
VADJ = VOUT = 3.75V
Current Limit
Current Limit
Reverse Output Current
TEMPERATURE (
°C)
–50
100
125
150
25
75
LT1529 • G22
75
50
–25
0
50
100
125
25
0
INPUT VOLTAGE (V)
0
4
5
6
35
LT1529 • G23
3
2
12
46
7
1
0
VOUT = 0V
TEMPERATURE (
°C)
–50
4
5
6
25
75
LT1529 • G24
3
2
–25
0
50
100
125
1
0
VIN = 7V
VOUT = 0V
Reverse Output Current
OUTPUT VOLTAGE (V)
0
60
80
100
8
LT1529 • G25
40
20
50
70
90
30
10
0
2
4
6
19
3
5
7
10
LT1529
LT1529-5
LT1529-3.3
TJ = 25°C, VIN = 0V
VOUT = VSENSE
(LT1529-3.3/LT1529-5)
VOUT = VADJ (LT1529)
CURRENT FLOWS
INTO DEVICE
Ripple Rejection
TEMPERATURE (
°C)
–50
56
58
62
25
75
LT1529 • G26
54
52
–25
0
50
100
125
50
48
60
(VIN – VOUT)AVG = 1V
VRIPPLE = 0.5VP-P
ILOAD = 1.5A
f = 120Hz
Ripple Rejection
FREQUENCY (Hz)
20
40
60
50
80
100
10
30
70
90
10
1k
10k
100k
LT1529 • G27
0
100
IOUT = 1.5A
VIN = VOUT (NOMINAL) + 1
+ 50mVRMS RIPPLE
COUT = 47µF
SOLID TANT
COUT = 3.3µF
SOLID TANT


Similar Part No. - LT1529CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529 LINER-LT1529 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1529 LINER-LT1529 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1529CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com