Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1U150SA-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR1U150SA-13
Description  1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U150SA-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR1U150SA-13 Datasheet HTML 1Page - Diodes Incorporated SBR1U150SA-13 Datasheet HTML 2Page - Diodes Incorporated SBR1U150SA-13 Datasheet HTML 3Page - Diodes Incorporated SBR1U150SA-13 Datasheet HTML 4Page - Diodes Incorporated SBR1U150SA-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR1U150SA
Document number: DS31341 Rev. 7 - 2
3 of 5
www.diodes.com
September 2012
© Diodes Incorporated
SBR1U150SA
Fig. 1 Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
2
3
4
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 2 Typical Reverse Characteristics
0.1
1
10
100
1,000
10,000
025
50
75
100
125
150
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 3 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
0
100
200
300
400
500
600
700
800
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Fig. 5 DC Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Note 7
Fig. 6 Operating Temperature Derating
0
30
60
90
120
150
50
60
70
80
90 100 110 120 130 140 150
V , DC REVERSE VOLTAGE (V)
R


Similar Part No. - SBR1U150SA-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U150SA-13 DIODES-SBR1U150SA-13 Datasheet
107Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1U150SA-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U400P1 DIODES-SBR1U400P1_15 Datasheet
206Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U200P1 DIODES-SBR1U200P1_15 Datasheet
76Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR140LP DIODES-SBR140LP_15 Datasheet
264Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR130SV DIODES-SBR130SV_15 Datasheet
195Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_15 Datasheet
84Kb / 5P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_1 Datasheet
108Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 7 - 2
SBR2U30SA DIODES-SBR2U30SA_15 Datasheet
102Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com