Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1436 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1436
Description  4.5A, 500kHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1436 Datasheet(HTML) 2 Page - Linear Technology

  LT1436 Datasheet HTML 1Page - Linear Technology LT1436 Datasheet HTML 2Page - Linear Technology LT1436 Datasheet HTML 3Page - Linear Technology LT1436 Datasheet HTML 4Page - Linear Technology LT1436 Datasheet HTML 5Page - Linear Technology LT1436 Datasheet HTML 6Page - Linear Technology LT1436 Datasheet HTML 7Page - Linear Technology LT1436 Datasheet HTML 8Page - Linear Technology LT1436 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1506
ABSOLUTE MAXIMUM RATINGS
Input Voltage .......................................................... 16V
BOOST Pin Above Input Voltage ............................. 15V
SHDN Pin Voltage ..................................................... 7V
FB Pin Voltage (Adjustable Part) ............................ 3.5V
FB Pin Current (Adjustable Part) ............................ 1mA
Sense Voltage (Fixed 3.3V Part) ............................... 5V
SYNC Pin Voltage ..................................................... 7V
Operating Junction Temperature Range
LT1506C ............................................... 0
°C to 125° C
LT1506I ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Voltage (Adjustable)
2.39
2.42
2.45
V
All Conditions
q
2.36
2.48
V
Sense Voltage (Fixed 3.3V)
3.25
3.3
3.35
V
All Conditions
q
3.23
3.37
V
SENSE Pin Resistance
4
6.6
9.5
k
Reference Voltage Line Regulation
4.3V
≤ VIN ≤ 15V
0.01
0.03
%/ V
Feedback Input Bias Current
q
0.5
2
µA
Error Amplifier Voltage Gain
(Notes 2, 8)
200
400
Error Amplifier Transconductance
∆I (VC) = ±10µA (Note 8)
1500
2000
2700
µMho
q
1000
3100
µMho
VC Pin to Switch Current Transconductance
5.3
A/ V
Error Amplifier Source Current
VFB = 2.1V or VSENSE = 2.9V
q
140
225
320
µA
Error Amplifier Sink Current
VFB = 2.7V or VSENSE = 3.7V
q
140
225
320
µA
VC Pin Switching Threshold
Duty Cycle = 0
0.9
V
VC Pin High Clamp
2.1
V
Switch Current Limit
VC Open, VFB = 2.1V or VSENSE = 2.9V, DC ≤ 50%
q
4.5
6
8.5
A
Slope Compensation
DC = 80%
0.8
A
TJ = 25°C, VIN = 5V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted.
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1506CR
LT1506CR-3.3
LT1506CR-SYNC
LT1506CR-3.3 SYNC
LT1506IR
LT1506IR-3.3
LT1506IR-SYNC
LT1506IR-3.3 SYNC
TJMAX = 125°C, θJA = 30°C/W
WITH PACKAGE SOLDERED TO 0.5 SQUARE INCH
COPPER AREA OVER BACKSIDE GROUND PLANE OR
INTERNAL POWER PLANE.
θJA CAN VARY FROM 20°C/W
TO > 40
°C/W DEPENDING ON MOUNTING TECHNIQUES
1506I
506I33
1506
150633
S8 PART MARKING
LT1506CS8
LT1506CS8-3.3
LT1506IS8
LT1506IS8-3.3
*Default is the adjustable output voltage device with FB pin and shutdown function. Option -3.3 replaces FB with SENSE pin for fixed 3.3V output
applications. -SYNC replaces SHDN with SYNC pin for applications requiring synchronization. Consult factory for Military grade parts.
FB OR SENSE*
BOOST
VIN
GND
VSW
SYNC OR SHDN*
VC
R PACKAGE
7-LEAD PLASTIC DD PAK
FRONT VIEW
TAB
IS
GND
7
6
5
4
3
2
1
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VIN
BOOST
GND**
VSW
SYNC
SHDN
VC
FB OR
SENSE*
θJA = 80°C/ W
**WITH FUSED (GND) GROUND PIN
CONNECTED TO GROUND PLANE OR
LARGE LANDS
(Note 1)


Similar Part No. - LT1436

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
   Programmable Reference
LT1431 LINER-LT1431 Datasheet
219Kb / 14P
   Programmable Reference
LT1431 LINER-LT1431 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LT1431 LINER-LT1431 Datasheet
233Kb / 14P
   Programmable Reference
LT1431C LINER-LT1431C Datasheet
272Kb / 12P
   Programmable Reference
More results

Similar Description - LT1436

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
logo
Anaren Microwave
MSK5032 ANAREN-MSK5032 Datasheet
930Kb / 9P
   4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
MSK5059RH ANAREN-MSK5059RH Datasheet
575Kb / 9P
   RAD HARD 4.5A, 500KHZ STEP DOWN SWITCHING REGULATOR CONTROLLER
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com