Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1533C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1533C
Description  Ultralow Noise 1A Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533C Datasheet(HTML) 1 Page - Linear Technology

  LT1533C Datasheet HTML 1Page - Linear Technology LT1533C Datasheet HTML 2Page - Linear Technology LT1533C Datasheet HTML 3Page - Linear Technology LT1533C Datasheet HTML 4Page - Linear Technology LT1533C Datasheet HTML 5Page - Linear Technology LT1533C Datasheet HTML 6Page - Linear Technology LT1533C Datasheet HTML 7Page - Linear Technology LT1533C Datasheet HTML 8Page - Linear Technology LT1533C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1533
Ultralow Noise
1A Switching Regulator
FEATURES
DESCRIPTION
The LT
®1533 is a new class of switching regulator designed
to reduce conducted and radiated electromagnetic interfer-
ence (EMI). Ultralow noise and EMI are achieved by providing
user control of the output switch slew rates. Voltage and
current slew rates can be independently programmed to
optimize switcher harmonic content versus efficiency. The
LT1533 can reduce high frequency harmonic power by as
much as 40dB with only minor losses in efficiency.
The LT1533 utilizes a dual output switch current mode
architecture optimized for low noise topologies. The IC
includes two 1A power switches along with all necessary
oscillator, control and protection circuitry. Unique error amp
circuitry can regulate both positive and negative voltages.
The internal oscillator may be synchronized to an external
clock for more accurate placement of switching harmonics.
Protection features include cycle by cycle current limit pro-
tection, undervoltage lockout and thermal shutdown.
Low minimum supply voltage and low supply current during
shutdown make the LT1533 well suited for portable applica-
tions. The part may also be forced into a 50% duty cycle mode
for unregulated applications. The LT1533 is available in the
16-pin narrow SO package.
s
Greatly Reduced Conducted and Radiated EMI
(<100
µVP-P in Typical Application)
s
Low Switching Harmonic Content
s
Independent Control of Switch Voltage and
Current Slew Rates
s
Two 1A Current Limited Power Switches
s
Regulates Positive and Negative Voltages
s
20kHz to 250kHz Oscillator Frequency
s
Easily Synchronized to External Clock
s
Wide Input Voltage Range: 2.7V to 23V
s
Low Shutdown Current: 12
µA Typical
s
Easier Layout than with Conventional Switchers
s
Outputs Can Be Forced to 50% Duty Cycle for
Unregulated Applications
s
Precision Instrumentation Systems
s
Isolated Supplies for Industrial Automation
s
Medical Instruments
s
Wireless Communications
s
Single Board Data Acquisition Systems
APPLICATIONS
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
SHDN
DUTY
SYNC
COL A
COL B
PGND
RVSL
RCSL
FB
NFB
LT1533
GND
VIN
5V
14
2
15
16
13
12
7
11
3
4
5
6
10
820pF
16.9k
0.015
µF
1000pF
15k
Note 1
33
µF
15k
15k
+
T1
1N4148
B
A
L1
300
µH
L2
33
µH
1N4148
2.49k
1%
8
9
21.5k, 1%
C1
47
µF
16V
+
C2
33
µF
20V
C1: SANYO OS-CON
C2: AVX TPS TANTALUM
L1: COILTRONICS CTX300-2
L2: COILCRAFT DT1608C-333
T1: COILTRONICS CTX02-13834
NOTE 1: 25nH TRACE INDUCTANCE
OR COILCRAFT B07T
12V
150mA
1533 TA01
+
CT
RT
VC
Low Noise 5V to 12V Forward Push-Pull DC/DC Converter
B
2mV/DIV
A
100
µV/DIV
2
µs/DIV
1533 TA02
12V Output Noise (BW = 100MHz)
<100
µVP-P


Similar Part No. - LT1533C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
   Ultralow Noise 1A Switching Regulator
More results

Similar Description - LT1533C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
   Ultralow Noise 1A Switching Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
logo
Analog Devices
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
   40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
logo
Linear Technology
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com