Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1372 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1372
Description  4.5A, 500kHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1372 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1372 Datasheet HTML 7Page - Linear Technology LT1372 Datasheet HTML 8Page - Linear Technology LT1372 Datasheet HTML 9Page - Linear Technology LT1372 Datasheet HTML 10Page - Linear Technology LT1372 Datasheet HTML 11Page - Linear Technology LT1372 Datasheet HTML 12Page - Linear Technology LT1372 Datasheet HTML 13Page - Linear Technology LT1372 Datasheet HTML 14Page - Linear Technology LT1372 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1506
APPLICATIONS INFORMATION
Table 2
SERIES
CORE
VENDOR/
VALUE
DC
CORE
RESIS-
MATER-
HEIGHT
PART NO.
(
µH) (Amps) TYPE TANCE()
IAL
(mm)
Coiltronics
CTX2-1
2
4.1
Tor
0.011
KM
µ
4.2
CTX5-4
5
4.4
Tor
0.019
KM
µ
6.4
CTX8-4
8
3.5
Tor
0.020
KM
µ
6.4
CTX2-1P
2
3.4
Tor
0.014
52
4.2
CTX2-3P
2
4.6
Tor
0.012
52
4.8
CTX5-4P
5
3.3
Tor
0.027
52
6.4
Sumida
CDRH125
10
4.0
SC
0.025
Fer
6
CDRH125
12
3.5
SC
0.027
Fer
6
CDRH125
15
3.3
SC
0.030
Fer
6
CDRH125
18
3.0
SC
0.034
Fer
6
Coilcraft
DT3316-222
2.2
5
SC
0.035
Fer
5.1
DT3316-332
3.3
5
SC
0.040
Fer
5.1
DT3316-472
4.7
3
SC
0.045
Fer
5.1
Pulse
PE-53650
4
4.8
Tor
0.017
Fer
9.1
PE-53651
5
5.4
Tor
0.018
Fer
9.1
PE-53652
9
5.5
Tor
0.022
Fer
10
PE-53653
16
5.1
Tor
0.032
Fer
10
Dale
IHSM-4825
2.7
5.1
Open
0.034
Fer
5.6
IHSM-4825
4.7
4.0
Open
0.047
Fer
5.6
IHSM-5832
10
4.3
Open
0.053
Fer
7.1
IHSM-5832
15
3.5
Open
0.078
Fer
7.1
IHSM-7832
22
3.8
Open
0.054
Fer
7.1
Tor = Toroid
SC = Semiclosed geometry
Fer = Ferrite core material
52 = Type 52 powdered iron core material
KM
µ = Kool Mµ
Output Capacitor
The output capacitor is normally chosen by its Effective
Series Resistance (ESR), because this is what determines
output ripple voltage. At 500kHz, any polarized capacitor
is essentially resistive. To get low ESR takes
volume, so
physically smaller capacitors have high ESR. The ESR
range for typical LT1506 applications is 0.05
Ω to 0.2Ω. A
typical output capacitor is an AVX type TPS, 100
µF at 10V,
with a guaranteed ESR less than 0.1
Ω. This is a “D” size
surface mount solid tantalum capacitor. TPS capacitors
are specially constructed and tested for low ESR, so they
give the lowest ESR for a given volume. The value in
microfarads is not particularly critical, and values from
22
µF to greater than 500µF work well, but you cannot
cheat mother nature on ESR. If you find a tiny 22
µF solid
tantalum capacitor, it will have high ESR, and output ripple
voltage will be terrible. Table 3 shows some typical solid
tantalum surface mount capacitors.
Table 3. Surface Mount Solid Tantalum Capacitor ESR
and Ripple Current
E Case Size
ESR (Max.,
)
Ripple Current (A)
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
AVX TAJ
0.7 to 0.9
0.4
D Case Size
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
C Case Size
AVX TPS
0.2 (typ)
0.5 (typ)
Many engineers have heard that solid tantalum capacitors
are prone to failure if they undergo high surge currents.
This is historically true, and type TPS capacitors are
specially tested for surge capability, but surge ruggedness
is not a critical issue with the
output capacitor. Solid
tantalum capacitors fail during very high
turn-on surges,
which do not occur at the output of regulators. High
discharge surges, such as when the regulator output is
dead shorted, do not harm the capacitors.
Unlike the input capacitor, RMS ripple current in the
output capacitor is normally low enough that ripple cur-
rent rating is not an issue. The current waveform is
triangular with a typical value of 200mARMS. The formula
to calculate this is:
Output Capacitor Ripple Current (RMS):
I
VV
V
Lf V
RIPPLE RMS
OUT
IN
OUT
IN
( ) =
()
()
()( )( )
029
.


Similar Part No. - LT1372

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1372 LINER-LT1372 Datasheet
274Kb / 12P
   500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372 LINER-LT1372 Datasheet
204Kb / 12P
   500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372CN8 LINER-LT1372CN8 Datasheet
274Kb / 12P
   500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372CS8 LINER-LT1372CS8 Datasheet
274Kb / 12P
   500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372HV LINER-LT1372HV Datasheet
274Kb / 12P
   500kHz and 1MHz High Efficiency 1.5A Switching Regulators
More results

Similar Description - LT1372

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
logo
Anaren Microwave
MSK5032 ANAREN-MSK5032 Datasheet
930Kb / 9P
   4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
MSK5059RH ANAREN-MSK5059RH Datasheet
575Kb / 9P
   RAD HARD 4.5A, 500KHZ STEP DOWN SWITCHING REGULATOR CONTROLLER
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com