Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1510CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1510CS8
Description  Constant-Voltage/ Constant-Current Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1510CS8 Datasheet HTML 1Page - Linear Technology LT1510CS8 Datasheet HTML 2Page - Linear Technology LT1510CS8 Datasheet HTML 3Page - Linear Technology LT1510CS8 Datasheet HTML 4Page - Linear Technology LT1510CS8 Datasheet HTML 5Page - Linear Technology LT1510CS8 Datasheet HTML 6Page - Linear Technology LT1510CS8 Datasheet HTML 7Page - Linear Technology LT1510CS8 Datasheet HTML 8Page - Linear Technology LT1510CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1510/LT1510-5
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency vs
Temperature
DUTY CYCLE (%)
0
1030
5070
80
1510 G04
20
40
60
8
7
6
5
4
3
2
1
0
125
°C
0
°C
25
°C
VCC = 16V
ICC vs Duty Cycle
TEMPERATURE (
°C)
–20
20
0
40
80
120
60
100
140
1510 G05
210
205
200
195
190
185
180
IBAT (A)
0.1
100
98
96
94
92
90
88
86
84
82
80
0.5
0.9
1.5
1.3
1.1
1510 G01
0.3
0.7
VCC = 15V (EXCLUDING DISSIPATION
ON INPUT DIODE D3)
VBAT = 8.4V
Efficiency of Figure 2 Circuit
ICC vs VCC
VCC (V)
0
7.0
6.5
6.0
5.5
5.0
4.5
5
10
15
20
1510 G03
25
30
125
°C
25
°C
0
°C
MAXIMUM DUTY CYCLE
IVA (mA)
0
4
3
2
1
0
0.8
1510 G08
0.2
0.1
0.3
0.5
0.7
0.9
0.4
0.6
1.0
125
°C
25
°C
IVA vs ∆VOVP (Voltage Amplifier)
VCC (V)
0
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
5
10
15
20
1510 G02
25
30
ALL TEMPERATURES
VREF Line Regulation
TEMPERATURE (
°C)
0
120
1510 G09
40
80
98
97
96
95
94
93
92
91
90
20
60
100
140
Maximum Duty Cycle
VPROG (V)
01
2
3
5
4
6
0
–6
1510 G11
125
°C
25
°C
PROG Pin Characteristic
VC (V)
0
0.2
0.6
1.0
1.4
1.8
–1.20
–1.08
–0.96
–0.84
–0.72
–0.60
–0.48
–0.36
–0.24
–0.12
0
0.12
1.6
1510 G10
0.4
0.8
1.2
2.0
VC Pin Characteristic


Similar Part No. - LT1510CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
More results

Similar Description - LT1510CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1513 LINER-LT1513_15 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Dimensions Semic...
LT1513-2CT7 LINEAR_DIMENSIONS-LT1513-2CT7 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513-2 LINER-LT1513-2_15 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com