Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLCO-808-0500-F Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLCO-808-0500-F
Description  High Power Infrared Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLCO-808-0500-F Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLCO-808-0500-F Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLCO-808-0500-F Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLCO-808-0500-F Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01.12.2011
RLCO-808-0500-F
1 of 3
RLCO-808-0500-F
TECHNICAL DATA
High Power Infrared Laser Diode
Features
• Lasing Mode Structure: multi mode
• Peak Wavelength : typ. 808 nm
• Optical Ouput Power: 500 mW
• Package: 4-pin DIL
Specifications
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
500
-
mW
Center Wavelength
λ
C
805
808
811
nm
Spectral Width (FWHM)
Δλ
-
4
-
nm
Fiber Buffer
-
230
-
µm
Fiber Clad
-
125
-
µm
Fiber Core
-
50
-
µm
Numerical Aperture
-
0.12
0.22
Fiber Length
-
0.5
-
m
Connector
SMA-905
Electrical Specifications
Threshold Current
Ith
-
0.18
-
A
Operating Current
Iop
-
0.9
-
A
Slope Efficiency
Η
-
0.65
-
W/A
Operating Voltage
Uop
-
2.2
-
V
Wavelength Temperatur Coefficient
-
0.3
-
nm/°C
Operating Temperature
Top
-
25
-
°C
Storage Temperature
Tstg
-20
-
80
°C
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - RLCO-808-0500-F

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
RLCO-808-0500-F ROCHESTER-RLCO-808-0500-F Datasheet
159Kb / 3P
   High Power Infrared Laser Diode
More results

Similar Description - RLCO-808-0500-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLT1060-100GS ETC2-RLT1060-100GS Datasheet
60Kb / 1P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
RLT808-150GS ROITHNER-RLT808-150GS Datasheet
63Kb / 1P
   High Power Infrared Laser Diode
logo
Samtec, Inc
RLT1300-40G SAMTEC-RLT1300-40G Datasheet
108Kb / 2P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT940-100GS ROITHNER-RLT940-100GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT905-300GS ROITHNER-RLT905-300GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT98500GOP ROITHNER-RLT98500GOP Datasheet
178Kb / 3P
   High Power Infrared Laser Diode
RLT981000G ROITHNER-RLT981000G Datasheet
111Kb / 2P
   High Power Infrared Laser Diode
RLT1600-30G ROITHNER-RLT1600-30G Datasheet
116Kb / 2P
   High Power Infrared Laser Diode
RLT1725-300HHL ROITHNER-RLT1725-300HHL Datasheet
92Kb / 1P
   High Power Infrared Laser Diode
RLCO-808-2000-TO3 ROITHNER-RLCO-808-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com