Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD753017GK Datasheet(PDF) 1 Page - NEC

Part # UPD753017GK
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753017GK Datasheet(HTML) 1 Page - NEC

  UPD753017GK Datasheet HTML 1Page - NEC UPD753017GK Datasheet HTML 2Page - NEC UPD753017GK Datasheet HTML 3Page - NEC UPD753017GK Datasheet HTML 4Page - NEC UPD753017GK Datasheet HTML 5Page - NEC UPD753017GK Datasheet HTML 6Page - NEC UPD753017GK Datasheet HTML 7Page - NEC UPD753017GK Datasheet HTML 8Page - NEC UPD753017GK Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
4-BIT SINGLE-CHIP MICROCONTROLLER
µPD753012, 753016, 753017
MOS INTEGRATED CIRCUIT
DESCRIPTION
The
µPD753017 is one of the 75XL series 4-bit single-chip microcontroller chips and has a data processing
capability comparable to that of an 8-bit microcontroller.
It has an on-chip LCD controller/driver with a larger ROM capacity and extended CPU functions compared with
the conventional
µPD75316B, and can provide high-speed operation. It can be supplied in a small plastic TQFP
package (12
× 12 mm) and is suitable for small sets using LCD panels.
For details of functions refer to the following User’s Manual.
µPD753017 User’s Manual : U11282E
FEATURES
Low voltage operation: VDD = 2.2 to 5.5 V
· Can be driven by two 1.5 V batteries
On-chip memory
· Program memory (ROM):
12288
× 8 bits (
µPD753012)
16384
× 8 bits (
µPD753016)
24576
× 8 bits (
µPD753017)
· Data memory (RAM):
1024
× 4 bits
Capable of high-speed operation and variable in-
struction execution time for power saving
· 0.95, 1.91, 3.81, 15.3
µs (at 4.19 MHz operation)
· 0.67, 1.33, 2.67, 10.7
µs (at 6.0 MHz operation)
· 122
µs (at 32.768 kHz operation)
Internal programmable LCD controller/driver
Small plastic TQFP (12
× 12 mm)
· Suitable for small sets such as cameras
One-time PROM:
µPD75P3018
APPLICATION
Remote controllers, camera-contained VCRs, cameras, gas meters, etc.
ORDERING INFORMATION
Part number
Package
µPD753012GC-XXX-3B9
80-pin plastic QFP (14
× 14 mm)
µPD753012GK-XXX-BE9
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
µPD753016GC-XXX-3B9
80-pin plastic QFP (14
× 14 mm)
µPD753016GK-XXX-BE9
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
µPD753017GC-XXX-3B9
80-pin plastic QFP (14
× 14 mm)
µPD753017GK-XXX-BE9
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
Remark
XXX indicates a ROM code suffix.
In this document, unless otherwise specified, the description is made based on
µPD753017
as typical product.
The information in this document is subject to change without notice.
Document No. U10140EJ2V0DS00 (2nd edition)
Date Published December 1997 N
Printed in Japan
©
1995
DATA SHEET
The mark
shows major revised points.


Similar Part No. - UPD753017GK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753017GK-XXX-BE9 RENESAS-UPD753017GK-XXX-BE9 Datasheet
583Kb / 82P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD753017GK

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com