Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD753017AGC Datasheet(PDF) 9 Page - NEC

Part # UPD753017AGC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753017AGC Datasheet(HTML) 9 Page - NEC

Back Button UPD753017AGC Datasheet HTML 5Page - NEC UPD753017AGC Datasheet HTML 6Page - NEC UPD753017AGC Datasheet HTML 7Page - NEC UPD753017AGC Datasheet HTML 8Page - NEC UPD753017AGC Datasheet HTML 9Page - NEC UPD753017AGC Datasheet HTML 10Page - NEC UPD753017AGC Datasheet HTML 11Page - NEC UPD753017AGC Datasheet HTML 12Page - NEC UPD753017AGC Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9
µPD753012A, 753016A, 753017A
Data Sheet U11662EJ2V0DS00
3. PIN FUNCTION
3.1 Port Pins (1/2)
Pin Name
I/O
Alternate
Function
8-bit
After Reset
I/O Circuit
Function
I/O
TypeNote 1
P00
Input
INT4
No
Input
<B>
P01
SCK
<F>-A
P02
SO/SB0
<F>-B
P03
SI/SB1
<M>-C
P10
Input
INT0
No
input
<B>-C
P11
INT1
P12
TI1/TI2/INT2
P13
TI0
P20
I/O
PTO0
No
Input
E-B
P21
PTO1
P22
PCL/PTO2
P23
BUZ
P30
I/O
LCDCL
No
Input
E-B
P31
SYNC
P32
P33
P40-P43Note 2
I/O
Yes
M-D
P50-P53Note 2
I/O
M-D
Notes 1.
Circuit types enclosed in brackets indicate the Schmitt trigger input.
2.
If on-chip pull-up resistors are not specified by mask option (when used as N-ch open-drain input port),
low level input leakage current increases when input or bit manipulation instruction is executed.
4-bit input port (PORT0).
For P01 to P03, connection of on-chip pull-
up resistors can be specified by software in
3-bit units.
4-bit input port (PORT1).
Connection of on-chip pull-up resistors can
be specified by software in 4-bit units.
Only P10/INT0 can select noise elimination
circuit.
4-bit input/output port (PORT2).
Connection of on-chip pull-up resistors can
be specified by software in 4-bit units.
Programmable 4-bit input/output port
(PORT3).
This port can be specified for input/output
bit-wise.
Connection of on-chip pull-up resistor can
be specified by software in 4-bit units.
N-ch open-drain 4-bit input/output port
(PORT4).
A pull-up resistor can be contained bit-wise
(mask option).
Withstand voltage is 13 V in open-drain mode.
N-ch open-drain 4-bit input/output port
(PORT5).
A pull-up resistor can be contained bit-wise
(mask option).
Withstand voltage is 13 V in open-drain mode.
High level
(when pull-
up resistors
are
provided) or
high
impedance
High level
(when pull-
up resistors
are
provided) or
high
impedance


Similar Part No. - UPD753017AGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD753017 NEC-UPD753017 Datasheet
569Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753017GC NEC-UPD753017GC Datasheet
569Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD753017GC-XXX-3B9 RENESAS-UPD753017GC-XXX-3B9 Datasheet
583Kb / 82P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD753017GK NEC-UPD753017GK Datasheet
569Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD753017GK-XXX-BE9 RENESAS-UPD753017GK-XXX-BE9 Datasheet
583Kb / 82P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD753017AGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com