Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1502 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR1502
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1502 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR1502 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1502 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR1502 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR1502 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- For use as Bypass diode in Solar application.
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFRM
A
I
2tA2s
μA
mA
RθJL
RθJA
TSTG
OC
Document Number: DS_D1308047
Version: F13
SR1502 thru SR1504
Taiwan Semiconductor
Schottky Barrier Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
R-6
R-6
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SR1502
SR1503
SR1504
Maximum repetitive peak reverse voltage
20
30
40
Maximum RMS voltage
14
21
28
Maximum DC blocking voltage
20
30
40
Maximum average forward rectified current
15
Repetitive peak forward current f > 15Hz
60
Peak forward surge current, 50/60 Hz single half
sine-wave superimposed on rated load (JEDEC
Method )
IFSM
300 / 340
A
Rating for fusing t < 10ms
390
Maximum instantaneous forward voltage @5 A
(Note 1)
@15 A
VF
0.45
V
0.55
Maximum DC reverse current
@TJ=25 ℃
at rated DC blocking voltage
@TJ=100 ℃
IR
500
20
Typical thermal resistance
2.5
Storage temperature range
- 55 to +175
Note 1: Pulse test with PW=300μs, 1% duty cycle
OC/W
25
Junction temperature range
- in DC forward mode
TJ
- 50 to +150
OC
<=200


Similar Part No. - SR1502

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1502 TSC-SR1502 Datasheet
617Kb / 2P
   15.0 AMP. Schottky Barrier Rectifiers
SR1502 TSC-SR1502 Datasheet
499Kb / 2P
   15.0 AMP. Schottky Barrier Rectifiers
SR1502 TSC-SR1502 Datasheet
250Kb / 4P
   15.0AMPS. Schottky Barrier Rectifiers High reliability
SR1502 TSC-SR1502_10 Datasheet
499Kb / 2P
   15.0 AMP. Schottky Barrier Rectifiers
SR1502 TSC-SR1502_13 Datasheet
250Kb / 4P
   15.0AMPS. Schottky Barrier Rectifiers High reliability
More results

Similar Description - SR1502

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com