Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK26A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SK26A
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK26A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SK26A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK26A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK26A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK26A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
4.06
4.60
0.160
0.181
C
2.29
2.83
0.090
0.111
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
4.95
5.33
0.195
0.210
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
MARKING DIAGRAM
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1308027
Version: L13
D2.41
E5.45
SK22A thru SK215A
Taiwan Semiconductor
A1.68
B1.52
C3.93
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
0.066
0.060
0.155
0.095
0.215
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p
SK22A-SK26A
SK29A-SK215A
0.1
1
10
100
0.01
0.1
1
10
100
PULSE DURATION (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Similar Part No. - SK26A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK26A TSC-SK26A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SK26A LEIDITECH-SK26A Datasheet
350Kb / 3P
   Low profile package Ideal for automated placement
logo
Taiwan Semiconductor Co...
SK26A TSC-SK26A Datasheet
48Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
SK26A SMCDIODE-SK26A Datasheet
317Kb / 4P
   SK26A SCHOTTKY RECTIFIER
Rev. A
logo
Taiwan Semiconductor Co...
SK26A TSC-SK26A Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK26A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com