Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK55C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SK55C
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK55C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SK55C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK55C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK55C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK55C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: D1307007
Version: L13
0.268
0.173
0.370
MARKING DIAGRAM
B2.5
C6.8
D4.4
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A3.3
E9.4
Unit (inch)
0.130
0.098
SK52C thru SK520C
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
SK52C-SK54C
SK55C-SK56C
SK59C-SK520C
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE


Similar Part No. - SK55C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK55C TSC-SK55C Datasheet
287Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SK55C BILIN-SK55C Datasheet
206Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SK55C PACELEADER-SK55C Datasheet
331Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SK55C DIOTECH-SK55C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK55C TSC-SK55C Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK55C

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com