Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK320B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SK320B
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK320B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SK320B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK320B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK320B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK320B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.95
2.10
0.077
0.083
B
4.25
4.75
0.167
0.187
C
3.48
3.73
0.137
0.147
D
1.99
2.61
0.078
0.103
E
0.90
1.41
0.035
0.056
F
5.10
5.30
0.201
0.209
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: D1307004
Version: J13
0.169
0.071
0.268
MARKING DIAGRAM
C4.3
D1.8
E6.8
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A2.3
B2.5
Unit (inch)
0.091
0.098
SK32B thru SK320B
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
SK32B-SK34B
SK35B-SK36B
SK39B-SK320B
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE


Similar Part No. - SK320B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK320B TSC-SK320B Datasheet
135Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK320B SMC-SK320B Datasheet
84Kb / 5P
   SCHOTTKY RECTIFIER
logo
Shenzhen Yixinwei Techn...
SK320B YIXIN-SK320B Datasheet
393Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
SMC Diode Solutions Co....
SK320B SMCDIODE-SK320B Datasheet
807Kb / 4P
   SK320B SCHOTTKY RECTIFIER
Rev. A
logo
Microdiode Electronics ...
SK320BF CHENDA-SK320BF Datasheet
757Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK320B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com