Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3539 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3539_15 Datasheet HTML 4Page - Linear Technology LTC3539_15 Datasheet HTML 5Page - Linear Technology LTC3539_15 Datasheet HTML 6Page - Linear Technology LTC3539_15 Datasheet HTML 7Page - Linear Technology LTC3539_15 Datasheet HTML 8Page - Linear Technology LTC3539_15 Datasheet HTML 9Page - Linear Technology LTC3539_15 Datasheet HTML 10Page - Linear Technology LTC3539_15 Datasheet HTML 11Page - Linear Technology LTC3539_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC3539/LTC3539-2
8
35392fc
For more information www.linear.com/3539/3539-2
OPERATION
Zero Current Comparator: The zero current comparator
monitors the inductor current to the output and shuts off
the synchronous rectifier once this current reduces to ap-
proximately40mA.Thispreventstheinductorcurrentfrom
reversing in polarity, improving efficiency at light loads.
Synchronous Rectifier: The P-channel MOSFET synchro-
nous rectifier is disabled when VOUT is much less than VIN.
This is to control inrush current and to prevent inductor
current from running away
Anti-ringing Control: The anti-ringing control connects
a resistor across the inductor to prevent high frequency
ringing on the SW pin during discontinuous current mode
operation. The ringing of the resonant circuit formed by L
and CSW (capacitance on SW pin) is low energy, but can
cause EMI radiation.
Output Disconnect: The LTC3539 is designed to allow true
outputdisconnectbyeliminatingbodydiodeconductionof
the internal P-channel MOSFET rectifier. This allows VOUT
to go to zero volts during shutdown, drawing no current
from the input source. It also provides inrush current
limiting at turn-on, minimizing surge currents seen by the
input supply. Note that to obtain the advantages of output
disconnect, there must not be an external Schottky diode
connected between the SW pin and VOUT. The output
disconnect feature also allows VOUT to be pulled high,
without any reverse current into a battery on VIN.
Thermal Shutdown: If the die temperature exceeds 160°C,
the device will go into thermal shutdown. All switches will
be turned off and the internal soft-start capacitor will be
discharged. The device will be enabled again when the die
temperature drops by about 15°C.
Burst Mode Operation
When Burst Mode operation is enabled by bringing the
MODE pin above 0.88V, the LTC3539 will automatically
enter Burst Mode operation at light load current, then
return to fixed frequency PWM mode when the load in-
creases. Refer to the typical performance characteristics
to see the output load Burst Mode threshold vs VIN. The
load current at which Burst Mode operation is entered can
be changed by adjusting the inductor value. Raising the
inductor value will lower the load current at which Burst
Mode operation is entered.
In Burst Mode operation, the LTC3539 still switches at a
fixed frequency, using the same error amplifier and loop
compensation for peak current mode control. This control
method eliminates any output transient when switching
between modes. In Burst Mode operation, energy is deliv-
ered to the output until it reaches the nominal regulation
value, then the LTC3539 transitions to Sleep mode where
the outputs are off and the LTC3539 consumes only 10µA
of quiescent current from VOUT. When the output voltage
droops slightly, switching resumes. This maximizes ef-
ficiency at very light loads by minimizing switching and
quiescent current losses. Burst Mode output voltage
ripple, which is application sensitive and typically 1% to
2% peak-to-peak if data sheet recommendations are fol-
lowed, can be reduced by using more output capacitance
(47µF or greater).
As the load increases, the LTC3539 will automatically
leave Burst Mode operation. Once the LTC3539 has left
Burst Mode operation and returned to normal operation,
it will remain there until the output load is reduced below
the burst threshold.
Burst Mode operation is inhibited during start-up until
soft-start is complete and VOUT is at least 0.24V greater
than VIN.
When the MODE pin is below 0.3V, the LTC3539 features
continuous PWM operation. In this mode, at very light
loads, the LTC3539 will exhibit pulse-skip operation. If
the MODE pin voltage exceeds the greater of VIN or VOUT
by 0.5V, the MODE pin will sink additional current.
Due to the high inductor current slew rate in 5V output
applications, the LTC3539-2 may not enter Burst Mode
operation for input voltages less than 1.8V. For 5V applica-
tions requiring Burst Mode operation, the 1MHz LTC3539
is recommended. Refer to the Typical Performance
Characteristics curves for the Burst Mode thresholds for
different input and output voltages.


Similar Part No. - LTC3539_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2 Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539-2 LINER-LTC3539-2 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539EDCB-2-PBF LINER-LTC3539EDCB-2-PBF Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539EDCB-2-TRPBF LINER-LTC3539EDCB-2-TRPBF Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3539_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539 Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com