Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS1603G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1603G
Description  Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1603G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SFS1603G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1603G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1603G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1603G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.5
-
0.413
B
14.60
15.88
0.575
0.625
C
2.41
2.67
0.095
0.105
D
0.68
0.94
0.027
0.037
E
2.29
2.79
0.090
0.110
F
4.44
4.70
0.175
0.185
G
1.14
1.40
0.045
0.055
H
1.14
1.40
0.045
0.055
I
8.25
9.25
0.325
0.364
J
0.36
0.53
0.014
0.021
K
2.03
2.79
0.080
0.110
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1405077
Version: K14
SFS1601G thru SFS1608G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
10.8
0.425
B
8.3
0.327
C
1.1
0.043
D
3.5
0.138
E
16.9
0.665
MARKING DIAGRAM
F
9.5
0.374
G
2.5
0.098
40
50
60
70
80
90
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
SFS1605G-SFS1608G
SFS1601G-SFS1604G
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - SFS1603G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1603G TSC-SFS1603G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1603G TSC-SFS1603G Datasheet
168Kb / 2P
   16.0 AMPS. Surface Mount Super Fast Rectifiers
SFS1603G TSC-SFS1603G Datasheet
143Kb / 2P
   16.0AMPS. Surface Mount Super Fast Rectifiers
SFS1603GH TSC-SFS1603GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
More results

Similar Description - SFS1603G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
SS5A EIC-SS5A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS2A EIC-SS2A_05 Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
SynSemi, Inc.
SSOA SYNSEMI-SSOA Datasheet
35Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
ES3A SEMTECH_ELEC-ES3A Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
   super fast surface mount rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com