Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2920-2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2920-2
Description  Single/Dual Power Supply Margining Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2920-2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2920-2_15 Datasheet HTML 7Page - Linear Technology LTC2920-2_15 Datasheet HTML 8Page - Linear Technology LTC2920-2_15 Datasheet HTML 9Page - Linear Technology LTC2920-2_15 Datasheet HTML 10Page - Linear Technology LTC2920-2_15 Datasheet HTML 11Page - Linear Technology LTC2920-2_15 Datasheet HTML 12Page - Linear Technology LTC2920-2_15 Datasheet HTML 13Page - Linear Technology LTC2920-2_15 Datasheet HTML 14Page - Linear Technology LTC2920-2_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2920-1/LTC2920-2
11
292012fa
APPLICATIO S I FOR ATIO
the IMACCURACY specification. If VT does not fall within this
range, the LTC2920 cannot be used for this application.
Figure 10. Power Module ITRIM Model
SENSE
VIN
VO
TRIM
VIN
+
VO
+
RVT
VPS
VO
ITRIM
RTRIM
2920-1/2 F10
VT
SENSE+
VREF +
RSET = 20k
2920-1/2 F12
RG = 944k
VREF = 1.2V
VPSOUT = 3.3V
+
RF = 1.65k
IMARGIN = ± 50μA
IFB = 1.27mA
IM
RS
LTC2920
+
Figure 12. Power Supply Voltage Margin Model
POWER SUPPLY VOLTAGE MARGINING (%)
0
1
2
3
4
56
2920-1/2 F11
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1% FEEDBACK
RESISTOR INACCURACY
1% RSET
RESISTOR
INACCURACY
5% LTC2920
IMARGIN INACCURACY
Figure 11. Sources of Power Supply Margined Voltage Errors
for this example). The second error is the power supply
initial set point accuracy. In this example the RF resistor
has a 1% accuracy error causing a 0.6% initial set point
error in the power supply. Because the margined power
supply voltage is the change in the voltage, VMARGIN, from
the power supply initial set point voltage, this error shows
up in the margined power supply voltage. When these two
errors are combined, the error is:
Error =
⏐1 – (3.4043/3.3825)⏐ • 100 = 0.65%
The error caused by a 1% inaccuracy in RG will be similar
since the dominate error source is the power supply initial
set point voltage.
Errors caused by RF and RG can be a major contributor to
voltage margin errors. Using 0.1% resistors for both RF
and RG is often the best choice for improving both voltage
margin accuracy and power supply initial accuracy.
Accuracy of Power Supply Voltages when Margining
The accuracy of margined power supply voltages depends
on several factors. Figure 11 shows the magnitude of the
errors discussed in detail below as a function of power
supply margining percentage.
In a typical feedback model (Figure 12), the delta voltage
is a function of the margin current, IMARGIN, and the
feedback resistor, RF.
VMARGIN = IMARGIN • RF
Errors in VMARGIN are directly proportional to errors in
IMARGIN and errors in RF. A 5% error in IMARGIN will cause
a 5% error in VMARGIN. In this example, a 3.3V power
supply is margined by 2.5%, or 0.0825V to 3.3825V. With
a 5% VMARGIN error, the actual margin voltage is 0.0866V
and the actual power supply voltage is 3.3866V. The error
in the expected voltage is then:
Error =
⏐1 – (3.3866/3.3825)⏐ • 100 = 0.12%
Similarly, a 1% inaccuracy in the RSET resistor would
cause only 0.024% error in the expected power supply
margined voltage. In effect, IMARGIN errors caused by the
RSET resistor or the LTC2920 are attenuated by the voltage
margining percentage.
The accuracy of the RF resistor introduces two errors in the
margined supply voltage. The first is the error in VMARGIN
(IMARGIN • RF). This error is similar in magnitude to the
errors described above and is generally quite small (0.024%


Similar Part No. - LTC2920-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2920-2CMS8 LINER-LTC2920-2CMS8 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-2IMS8 LINER-LTC2920-2IMS8 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
More results

Similar Description - LTC2920-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com