Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1505 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1505
Description  Constant-Current/Voltage High Efficiency Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1505 Datasheet(HTML) 1 Page - Linear Technology

  LT1505 Datasheet HTML 1Page - Linear Technology LT1505 Datasheet HTML 2Page - Linear Technology LT1505 Datasheet HTML 3Page - Linear Technology LT1505 Datasheet HTML 4Page - Linear Technology LT1505 Datasheet HTML 5Page - Linear Technology LT1505 Datasheet HTML 6Page - Linear Technology LT1505 Datasheet HTML 7Page - Linear Technology LT1505 Datasheet HTML 8Page - Linear Technology LT1505 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1505
TYPICAL APPLICATION
DESCRIPTIO
FEATURES
APPLICATIO S
Constant-Current/Voltage
High Efficiency Battery Charger
Figure 1. Low Dropout 4A Lithium-Ion Battery Charger
s
Simple Charging of Li-Ion, NiMH and NiCd Batteries
s
Very High Efficiency: Up to 97%
s
Precision 0.5% Charging Voltage Accuracy
s
Preset Battery Voltages: 12.3V, 12.6V,
16.4V and 16.8V
s
5% Charging Current Accuracy
s
Charging Current Programmed by Resistor or DAC
s
0.5V Dropout Voltage, Duty Cycle > 99.5%
s
AC Adapter Current Limit* Maximizes Charging Rate
s
Flag Indicates Li-Ion Charge Completion
s
Auto Shutdown with Adapter Removal
s
Only 10
µA Battery Drain When Idle
s
Synchronizable Up to 280kHz
The LT
®1505 PWM battery charger controller fast charges
multiple battery chemistries including lithium-ion (Li-Ion),
nickel-metal-hydride (NiMH) and nickel-cadmium (NiCd)
using constant-current or constant-voltage control. Maxi-
mum current can be easily programmed by resistors or a
DAC. The constant-voltage output can be selected for 3 or 4
series Li-Ion cells with 0.5% accuracy.
A third control loop limits the current drawn from the AC
adapter during charging*. This allows simultaneous opera-
tion of the equipment and fast battery charging without over-
loading the AC adapter.
The LT1505 can charge batteries ranging from 2.5V to 20V
with dropout voltage as low as 0.5V. Synchronous
N-channel FETs switching at 200kHz give high efficiency
and allow small inductor size. A diode is not required in
series with the battery because the charger automatically
enters a 10
µA sleep mode when the wall adapter is un-
plugged. A logic output indicates Li-Ion full charge when
current drops to 20% of the programmed value.
The LT1505 is available in a 28-pin SSOP package.
s
Notebook Computers
s
Portable Instruments
s
Chargers for Li-Ion, NiMH, NiCd and Lead Acid
Rechargeable Batteries
, LTC and LT are registered trademarks of Linear Technology Corporation.
5
CPROG
1
µF
300
C7
0.68
µF
C6
0.1
µF
C3
2.2
µF
COUT
22
µF
25V
×2
C2
0.68
µF
VBAT
12.6V
BATTERY
NOTE: DBODY IS THE BODY DIODE OF M3
CIN: SANYO OS-CON
L1: SUMIDA CDRH127-150
(CAN BE FROM 10
µH TO 30µH)
M1
Si4412
M2
Si4412
D4
MBRS140
D2
MMSD4148T1
D3
MMSD4148T1
R7
500
100k
R5
4k
R1
1k
R6
4k
*BODY DIODE
POLARITY MUST
BE AS SHOWN
RS4
0.025
M3
Si4435
DBODY*
TO
SYSTEM POWER
VIN
(FROM
ADAPTER)
RS1
0.025
L1
15
µH
1505 F01
RPROG
4.93k
1%
0.33
µF
RX4
3k
RS2
200
1%
RS3
200
1%
CIN
47
µF
35V
C1
1
µF
C4
0.1
µF
BAT2 BAT
SENSE
LT1505
VCC
BOOST
BOOSTC
SPIN
PGND
AGND
4.1V
4.2V
VFB
3 CELL
PROG
VC
BGATE
COMP1
CAP
FLAG
SHDN
SYNC
UV
INFET
SW
TGATE
GBIAS
CLP
CLN
*US Patent No. 5,723,970


Similar Part No. - LT1505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1505 LINER-LT1505 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Diodes Incorporated
LT1505G DIODES-LT1505G Datasheet
55Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Linear Technology
LT1505 LINER-LT1505_15 Datasheet
171Kb / 16P
   Constant-Current/Voltage High Efficiency Battery Charger
More results

Similar Description - LT1505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1505 LINER-LT1505_15 Datasheet
171Kb / 16P
   Constant-Current/Voltage High Efficiency Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1513 LINER-LT1513_15 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com