Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1501 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1501
Description  Adaptive-Frequency Current Mode Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1501 Datasheet(HTML) 5 Page - Linear Technology

  LT1501 Datasheet HTML 1Page - Linear Technology LT1501 Datasheet HTML 2Page - Linear Technology LT1501 Datasheet HTML 3Page - Linear Technology LT1501 Datasheet HTML 4Page - Linear Technology LT1501 Datasheet HTML 5Page - Linear Technology LT1501 Datasheet HTML 6Page - Linear Technology LT1501 Datasheet HTML 7Page - Linear Technology LT1501 Datasheet HTML 8Page - Linear Technology LT1501 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1500/LT1501
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency (3.3V Output)
ILOAD = 100mA
ILOAD = 10mA
INPUT VOLTAGE (V)
1.75
100
90
80
70
60
50
40
2.00
2.25
2.50
2.75
LT1500/01 • TPC11
3.00
3.25
TJ = 25°C
L = 33
µH
LOW LOSS INDUCTOR
Efficiency (5V Output)
ILOAD = 100mA
ILOAD = 10mA
INPUT VOLTAGE (V)
2.0
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
LT1500/01 • TPC12
4.5
5.0
TJ = 25°C
L = 33
µH
LOW LOSS INDUCTOR
Efficiency (12V Output)
ILOAD = 50mA
ILOAD = 10mA
INPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
2
46
8
LT1500/01 • TPC13
10
12
TJ = 25°C
L = 33
µH
LOW LOSS INDUCTOR
Inductor Copper Loss (5V Output)
Inductor Copper Loss
(3.3V Output)
LOAD CURRENT (mA)
0
50
100
0.1
1
10
150
200
250
300
LT1500/01 • TPC14
R = 1
R = 0.5
R = 0.2
R = 0.1
VIN = 2.3V
LOAD CURRENT (mA)
0
50
100
0.1
1
10
150
200
250
300
LT1500/01 • TPC15
R = 0.5
R = 0.2
R = 1
VIN = 3V
R = 0.1
Inductor Copper Loss
(12V Output)
LOAD CURRENT (mA)
025
50
75
10
1
0.1
100 125 150 175
200
LTC1500/01 • TPC16
R = 0.2
R = 0.5
R = 1
VIN = 5V
Maximum Load Current
(3.3V Output)
INPUT VOLTAGE (V)
1.50
600
500
400
300
200
100
0
1.75
2.00
2.25
2.50
LT1500/01 • TPC08
2.75
3.00
L
≥ 33µH
L = 10
µH
Maximum Load Current
(5V Output)
INPUT VOLTAGE (V)
2.0
600
500
400
300
200
100
0
2.5
3.0
3.5
4.0
LT1500/01 • TPC09
4.5
5.0
L
≥ 33µH
L = 10
µH
Maximum Load Current
(12V Output)
L = 100
µH
INPUT VOLTAGE (V)
0
600
500
400
300
200
100
0
2
46
8
LT1500/01 • TPC10
10
12
L = 33
µH
L = 10
µH


Similar Part No. - LT1501

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1501 LINER-LT1501 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
logo
Diodes Incorporated
LT1501G DIODES-LT1501G Datasheet
55Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Linear Technology
LT1501 LINER-LT1501_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
More results

Similar Description - LT1501

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1500 LINER-LT1500_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1501 LINER-LT1501_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Sanyo Semicon Device
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com