Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1490AIS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1490AIS8
Description  Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490AIS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1490AIS8 Datasheet HTML 4Page - Linear Technology LT1490AIS8 Datasheet HTML 5Page - Linear Technology LT1490AIS8 Datasheet HTML 6Page - Linear Technology LT1490AIS8 Datasheet HTML 7Page - Linear Technology LT1490AIS8 Datasheet HTML 8Page - Linear Technology LT1490AIS8 Datasheet HTML 9Page - Linear Technology LT1490AIS8 Datasheet HTML 10Page - Linear Technology LT1490AIS8 Datasheet HTML 11Page - Linear Technology LT1490AIS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1490A
+
VOUT
1490A TA02
100k
100k
C
0.1
µF
VOUT = 5VP-P WITH 5V SUPPLY
IS = 200µA
59k
1/2 LT1490A
5V
R
50k
f = 1
2RC
AT VS = 5V, R = 50k, C = 1nF
OUTPUT IS 5kHz SLEW LIMITED TRIANGLE WAVE
+
VIN
1490A TA04
0.22
µF
CL ≤ 10,000pF
150
1/2 LT1490A
Square Wave Oscillator
Optional Output Compensation for
Capacitive Loads Greater Than 200pF
Q10
D5
Q9
Q1
Q7
R2
1k
R3
1k
R4
40k
Q8
Q5
–IN
+IN
Q11
Q12
D4
ONE AMPLIFIER
D2
Q2
D1
Q6
Q13
Q14
R1
30k
R5
40k
Q4
2
µA
+
Q15
Q19
D3
Q3
Q16
Q18
Q22
V +
Q17
Q20
Q21
OUT
V
1490A SS
TYPICAL APPLICATIO S
SI PLIFIED SCHE ATIC
APPLICATIO S I FOR ATIO
Gain
The open-loop gain is almost independent of load when
the output is sourcing current. This optimizes performance
in single supply applications where the load is returned to
ground. The typical performance photo of Open-Loop
Gain for various loads shows the details.


Similar Part No. - LT1490AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490AIS8 LINER-LT1490AIS8 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1490AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com