Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFAF1004G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SFAF1004G
Description  10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF1004G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SFAF1004G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF1004G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAF1004G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ITO-220AC
Dimensions
Min
Max
Min
Max
A
4.30
4.70
0.169
0.185
B
2.50
3.10
0.098
0.122
C
2.30
2.90
0.091
0.114
D
0.46
0.76
0.018
0.030
E
6.30
6.90
0.248
0.272
F
9.60
10.30
0.378
0.406
G
3.00
3.40
0.118
0.134
H
-
1.60
-
0.063
I
0.95
1.45
0.037
0.057
J
0.50
0.90
0.020
0.035
K
2.40
3.20
0.094
0.126
L
14.80
15.50
0.583
0.610
M
-
4.10
-
0.161
N
-
1.80
-
0.071
O
12.60
13.80
0.496
0.543
P
4.95
5.20
0.195
0.205
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Version:F13
Packing code
C0
Ordering information
Part No.
Package
BULK Packing
Packing code
(Green)
DIM.
Unit(mm)
Unit(inch)
Marking Diagram
SFAF100xG
50 / TUBE
Note: "x" is Device Code from "1" thru "8".
C0G


Similar Part No. - SFAF1004G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1004G TSC-SFAF1004G Datasheet
87Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1004G TSC-SFAF1004G Datasheet
273Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1004G TSC-SFAF1004G Datasheet
633Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFAF1004G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SFF1001GA TSC-SFF1001GA Datasheet
420Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1001G TSC-SFF1001G_11 Datasheet
186Kb / 2P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1001G TSC-SFF1001G_13 Datasheet
427Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
   10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
SFA1001G TSC-SFA1001G_13 Datasheet
419Kb / 3P
   10.0AMPS Glass Passivated Super Fast Rectifier
SFA1001G TSC-SFA1001G_11 Datasheet
209Kb / 2P
   10.0AMPS Glass Passivated Super Fast Rectifier
SFAF501G TSC-SFAF501G_14 Datasheet
390Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com