Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFAF506G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFAF506G
Description  Isolated Glass Passivated Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF506G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFAF506G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF506G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAF506G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFAF506G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SFAF501G
SFAF501G
SFAF501G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405028
Version: G14
ORDERING INFORMATION
Green compound
DESCRIPTION
EXAMPLE
50 / Tube
PACKING
SFAF501G C0
C0
GREEN COMPOUND
CODE
SFAF501GHC0
H
C0
RATINGS AND CHARACTERISTICS CURVES
AEC-Q101 qualified
PACKAGE
SFAF501G C0G
C0
G
Note 1: "x" defines voltage from 50V (SFAF501G) to 600V (SFAF508G)
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
SFAF501G thru SFAF508G
Taiwan Semiconductor
SFAF50xG
(Note 1)
Prefix "H"
C0
Suffix "G"
ITO-220AC
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
0
1
2
3
4
5
6
050
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEAT SINK
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
SFAF505G-SFAF506G
SFAF501G-SFAF504G
SFAF507G-SFAF508G


Similar Part No. - SFAF506G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF506G TSC-SFAF506G Datasheet
272Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF506G TSC-SFAF506G Datasheet
628Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Rugao Dachang Electroni...
SFAF506G DACHANG-SFAF506G Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
logo
Shenzhen Luguang Electr...
SFAF506G LUGUANG-SFAF506G Datasheet
223Kb / 2P
   Isolated 5.0AMP. Glass Passivated Super Fast Rectifiers
logo
Rugao Dachang Electroni...
SFAF506G DACHANG-SFAF506G Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
More results

Similar Description - SFAF506G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF2001G TSC-SFAF2001G_14 Datasheet
392Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_14 Datasheet
400Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_14 Datasheet
401Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
   16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_13 Datasheet
419Kb / 3P
   8.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_11 Datasheet
197Kb / 2P
   20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SFAF801G LUGUANG-SFAF801G Datasheet
218Kb / 2P
   Isolated 8.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_13 Datasheet
425Kb / 3P
   5.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_13 Datasheet
426Kb / 3P
   20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com