Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0092 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0092
Description  Hyper Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0092 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0092_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0092_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR40 __ HF __ __
Screening
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package
N = TO-258
P = TO-259
Configuration hyperfast family
Voltage
04 = 400 V
05 = 500 V
06 = 600 V
SDR4006HF series
40A 35nsec
400 to 600 V
Hyper Fast Rectifier
Features:
• Hyper Fast Recovery: 35nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed, Isolated Package
Providing Enhanced Thermal Performance
• Eutectic Die Attach
• TX, TXV, and Space Level Screening iaw
MIL-PRF-19500 Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR4004HF
SDR4005HF
SDR4006HF
VRRM
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC = 100 °C)
Total
Io
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
600
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.2
(0.8 typ)
ºC/W
TO-258 (N)
TO-259 (P)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0092A
DOC


Similar Part No. - RC0092_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0092 SSDI-RC0092 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
More results

Similar Description - RC0092_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
   HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
   HYPER FAST RECTIFIER
RC0089 SSDI-RC0089 Datasheet
170Kb / 2P
   Hyper Fast Rectifier
RC0092 SSDI-RC0092 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RC0157A SSDI-RC0157A Datasheet
117Kb / 2P
   Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
   HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
   Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
   HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com